Electronic Components Datasheet Search
  English  ▼

X  

SN54HC161J Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # SN54HC161J
Description  4-BIT SYNCHRONOUS BINARY COUNTERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54HC161J Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN54HC161J Datasheet HTML 9Page - Texas Instruments SN54HC161J Datasheet HTML 10Page - Texas Instruments SN54HC161J Datasheet HTML 11Page - Texas Instruments SN54HC161J Datasheet HTML 12Page - Texas Instruments SN54HC161J Datasheet HTML 13Page - Texas Instruments SN54HC161J Datasheet HTML 14Page - Texas Instruments SN54HC161J Datasheet HTML 15Page - Texas Instruments SN54HC161J Datasheet HTML 16Page - Texas Instruments SN54HC161J Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
SN54HC161, SN74HC161
4BIT SYNCHRONOUS BINARY COUNTERS
SCLS297D − JANUARY 1996 − REVISED SEPTEMBER 2003
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
timing requirements over recommended operating free-air temperature range (unless otherwise
noted)
VCC
TA = 25°C
SN54HC161
SN74HC161
UNIT
VCC
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
3.6
2.5
2.9
fclock
Clock frequency
4.5 V
18
12
14
MHz
fclock
Clock frequency
6 V
21
14
17
MHz
2 V
140
200
170
tw
Pulse duration, CLK high or low
4.5 V
28
40
36
ns
tw
Pulse duration, CLK high or low
6 V
24
36
30
ns
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Note 4)
PARAMETER
FROM
TO
VCC
TA = 25°C
SN54HC161
SN74HC161
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
3.6
2.5
2.9
fmax
4.5 V
18
12
14
MHz
fmax
6 V
21
14
17
MHz
NOTE 4: These limits apply only to applications that use more than two ’HC161 devices cascaded together.
If the ’HC161 devices are used as a single unit, or only two cascaded together, then the maximum clock
frequency that the device can use is not limited because of the glitch. In these situations, the device can be
operated at the maximum specifications.
A glitch can appear on RCO of a single ’HC161 device, depending on the relationship of ENT to CLK. Any
application that uses RCO to drive any input except an ENT of another cascaded ’HC161 device must take this
into consideration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com