Electronic Components Datasheet Search
  English  ▼

X  

SCS0520V Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS0520V
Description  0.5 AMP Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS0520V Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCS0520V Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS0520V Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOD-323(SC-76)
.010 (0.25)
min.
.012 (0.3)
.059 (1.5)
C athode B and
Top V iew
.043 (1.1)
Dimensions in inches
and (millimeters)
Elektronische Bauelemente
SCS0520VTHRU SCS0540V
VOLTAGE 20V ~ 40V
0.5 AMP Schottky Barrier Rectifiers
FEATURES
*Low Forward Voltage Drop
*Guard Ri ng Construction forTransient Protection
*High Conductance
*Also Available in Lead Free Version
MARKING: SCS0520V: SD
SCS0530V: SE
SCS0540V: SF
Maximum Ratings and Electrical Characteristics, Single Diode @TA=25 C
Parameter
Symbol
SCS0520V
Unit
Peak Repetitive Peak reverse voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
20
V
RMS Reverse Voltage
VR(RMS)
14
V
Average Rectified Output Current
IO
500
mA
Peak forward surge current
IFSM
5.5
A
Power Dissipation
Pd
mW
Thermal
sistance
nction
to
Ambient
R
θJA
244
K/W
Storage temperature
TSTG
-65~ +150
℃
Voltage Rate of Change
dv/dt
1000
V/µs
Electrical Ratings @TA=25 C
Parameter
Symbol
Unit
Conditions
20
-
IR=250µA
-
IR=130µA
Minimum
Reverse
Breakdown
Voltage
V(BR)R
-
40
V
IR=20µA
VF1
0.3
IF=0.1A
VF2
0.385
IF=0.5A
Forward voltage
VF3
-
0.58
V
IF=1A
IR1
75
-
VR=10V
20
80
60
IR3
250
-
40
VR=20V
IR4
-
VR=30V
Capacitance between terminals
CT
170
pF
VR=1V,f=1MHz
Reverse Recovery Time
trr
4
ns
IF=IR=10mA
Irr=0.1XIR,RL=100
o
SCS0530V
SCS0540V
40
30
28
21
410
Re
Ju
o
SCS0520V
SCS0530V
SCS0540V
-
-
-
0.50
-
-
-
30
14-Sept-2007 Rev. C
Page 1 of 2
IR2
µA
VR=15V
Reverse current
IR5
-
µA
VR=40V
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - SCS0520V

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS0520V SECOS-SCS0520V Datasheet
383Kb / 2P
0.5 A, 20 V Schottky Barrier Rectifiers
SCS0520V SECOS-SCS0520V Datasheet
383Kb / 2P
Schottky Barrier Rectifiers
SCS0520V-C SECOS-SCS0520V-C Datasheet
197Kb / 2P
Schottky Barrier Rectifiers
SCS0520V SECOS-SCS0520V_09 Datasheet
383Kb / 2P
0.5 A, 20 V Schottky Barrier Rectifiers
SCS0520V SECOS-SCS0520V_15 Datasheet
383Kb / 2P
Schottky Barrier Rectifiers
More results

Similar Description - SCS0520V

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
CDLL6675 CDI-DIODE-CDLL6675 Datasheet
69Kb / 2P
0.2 & 0.5 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Microsemi Corporation
CDLL0.2A20 MICROSEMI-CDLL0.2A20 Datasheet
51Kb / 2P
0.2 & 0.5 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
SR002 TSC-SR002 Datasheet
58Kb / 2P
0.5 AMP. Schottky Barrier Rectifiers
SR002 TSC-SR002_1 Datasheet
249Kb / 2P
0.5 AMP. Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
MSCD052 SECOS-MSCD052 Datasheet
261Kb / 2P
0.5 AMP Surface Mount Schottky Barrier Rectifiers
SCS0520P SECOS-SCS0520P Datasheet
125Kb / 2P
0.5 AMP Schottky Barrier Rectifiers
SCS0540LP SECOS-SCS0540LP Datasheet
202Kb / 2P
0.5 Amp Low VF Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
SR002 TSC-SR002_10 Datasheet
534Kb / 2P
0.5 AMP. Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
MSCD052 SECOS-MSCD052_15 Datasheet
244Kb / 3P
0.5 Amp Surface Mount Schottky Barrier Rectifiers
logo
New Jersey Semi-Conduct...
1N6675 NJSEMI-1N6675 Datasheet
88Kb / 1P
0.2 AND 0.5 AMP SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com