Electronic Components Datasheet Search
  English  ▼

X  

SCS0520V Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS0520V
Description  0.5 AMP Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS0520V Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SCS0520V Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS0520V Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elektronische Bauelemente
SCS0520VTHRU SCS0540V
VOLTAGE 20V ~ 40V
0.5 AMP Schottky Barrier Rectifiers
14-Sept-2007 Rev. C
Page 2 of 2
RATING AND CHARACTERISTIC CURVES (SCS0520V THRU SCS0540V)
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
0
200
300
500
025
50
75
100
125
150
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Power Derating Curve
A
°
400
100
0
0.25
0.50
0
50
100
150
T , LEAD TEMPERATURE ( C)
Fig. 2 Forward Current Derating Curve
L
°
0.75
1.0
25
75
125
0.01
0.1
1.0
10
0.2
0
0.4
0.6
0.8
1.0
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig.3 Typical Forward Characteristics
F
V , REVERSE VOLTAGE (V)
R
Fig.4 Typ. Total Capacitance vs Reverse Voltage
1000
1.0
10
100
0
5
10
15
20
f= 1MHz
SCS0540
V
SCS0530
V
SCS0530
V



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com