Electronic Components Datasheet Search
  English  ▼

X  

SCT316LD03C Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SCT316LD03C
Description  300W Transient Voltage Supperssors Array
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCT316LD03C Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCT316LD03C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCT316LD03C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SCT316LD03C Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Any changing of specification will not be informed individual
SCT316LD Series
300W Transient Voltage Supperssors Array
RoHS Compliant Product
Description
http://www.SeCoSGmbH.com
Elektronische Bauelemente
The SCT316LD series of monolithic Transient Voltage suppressors
are designed for application where voltage transients, caused by
electrostatic discharge (ESD) and other induced voltage surges,
can permanently damage sensitive conponents.
and is specifically designed to protect multiple or single data
These TVS diodes are characterized by low capacitance while
at the same time retaining their high surge capability, extremely
fast response time and low dynamic resistance, The SCT324LD
series consists of 8 monolithic bi-directional TVS diode arrays
line with each channel being electrically independent for mutiple
I/O port protection.
Application
* ESD & surge protection for power lines & I/O ports
* TTL and MOS Bus Lines
* RS-422, RS-432 and RS485 data lines
* High speed data & video transmission
* High speed logic
Features
Electrical Characteristics Per Line @ 25º C Unless otherwise specified
STAND OFF
VOLTAGE
VWM
VOLTS
BREAKDOWN
VOLTAGE
VBR
@1 mA
VOLTS
CLAMPING
VOLTAGE
Vc,
@ 1 Amp
VOLTS
CLAMPING
VOLTAGE
Vc,
@ 5 Amp
VOLTS
LEAKAGE
CURRENT
ID,
@ VWM
µA
CAPACITANCE
@0V, 1 MHz
pF
PART
NUMBER
M
IN
MA
X
MAX
MAX
MAX
SCT316LD03C
3.3
4-5
7
8.5
100
700
5.0
6.1-7.4
9.8
11
12
420
12.0
13.3-16.9
19
24
0.5
150
15.0
16.7-20.4
24
30
0.5
130
SCT316LD24C
24.0
26.7-32.6
43
55
0.5
60
SCT316LD36C
36.0
40.0-47.0
60
75
0.5
60
NOTE:Transient Voltage Suppression (TVS) product is normally selected based on its stand off Voltage V WM. Product
selected voltage should be equal to or greater than the continuous peak operating voltage of the circuit to be protected.
SCT316LD05C
SCT316LD16C
SCT316LD12C
* Standoff voltages from 3.3 to 36 volts.
* 300 watts Peak pulse power (tp=8 x 20us).
* Protects up to 8 bi-directional line.
* ESD protection >30KV
CONFIGURATION
Maximum rating and electrical characteristics
Rating
Symbol
Value
Units
Peak ulse Power (tp=8/20us)
Ppk
300
Watts
Lead Soldering Temperature
TL
260 (10 sec.)
℃
Operating Temperature
TJ
-55 to +125
℃
Storage Temperature
TSTG
-55 to +150
℃
* Rosh compliant in Lead-Free Versions
1
2
5
4
16
3
6
78
9
10
11
12
13
14
15
16LD Package


Similar Part No. - SCT316LD03C

ManufacturerPart #DatasheetDescription
logo
Rohm
SCT3160KL ROHM-SCT3160KL Datasheet
738Kb / 14P
N-channel SiC power MOSFET
SCT3160KLHR ROHM-SCT3160KLHR Datasheet
1,006Kb / 14P
Automotive Grade N-channel SiC power MOSFET
16.Nov.2018 - Rev.001
SCT3160KW7 ROHM-SCT3160KW7 Datasheet
1Mb / 14P
N-channel SiC power MOSFET
SCT3160KW7HR ROHM-SCT3160KW7HR Datasheet
1Mb / 17P
Automotive Grade N-channel SiC power MOSFET
1.Nov.2022 - Rev.002
logo
Inchange Semiconductor ...
SCT3160KW7HR ISC-SCT3160KW7HR Datasheet
856Kb / 3P
N-Channel MOSFET Transistor
More results

Similar Description - SCT316LD03C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65220 TI-SN65220_07 Datasheet
415Kb / 12P
USB PORT TRANSIENT SUPPERSSORS
logo
SeCoS Halbleitertechnol...
SD03 SECOS-SD03 Datasheet
332Kb / 3P
300W Transient Voltage Suppressors Diode
logo
Comchip Technology
CTAN143V3-G COMCHIP-CTAN143V3-G Datasheet
169Kb / 3P
300W Transient Voltage Suppressor
logo
SeCoS Halbleitertechnol...
SD05 SECOS-SD05 Datasheet
152Kb / 3P
300W Transient Voltage Suppressors Diode
SD24 SECOS-SD24 Datasheet
316Kb / 2P
300W Transient Voltage Suppressors Diode
logo
Protek Devices
SFC05-4 PROTEC-SFC05-4_12 Datasheet
918Kb / 10P
300W FLIP CHIP TVS ARRAY
logo
SeCoS Halbleitertechnol...
SD03 SECOS-SD03_15 Datasheet
332Kb / 3P
300W Transient Voltage Suppressors Diode
SD05 SECOS-SD05_15 Datasheet
152Kb / 3P
300W Transient Voltage Suppressors Diode
logo
Guangdong Juxing Electr...
SMC05 JUXING-SMC05 Datasheet
932Kb / 3P
Surface Mount Transient Voltage Suppressor Power 300W
logo
FutureWafer Tech Co.,Lt...
SMF FUTUREWAFER-SMF Datasheet
1Mb / 12P
300W Transient Voltage Suppression Diodes
19-JUL-2021 V 2.1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com