Electronic Components Datasheet Search
  English  ▼

X  

SCT316LD03C Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SCT316LD03C
Description  300W Transient Voltage Supperssors Array
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCT316LD03C Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SCT316LD03C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCT316LD03C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SCT316LD03C Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Any changing of specification will not be informed individual
SCT316LD Series
300W Transient Voltage Supperssors Array
http://www.SeCoSGmbH.com
Elektronische Bauelemente
0
10
20
30
40
50
60
70
80
90
100
110
0
25
50
75
100
125
150
Ambient Temperature - TA (
oC)
Power Derating Curve
0.01
0.1
1
10
0. 1
1
10
100
1000
P ulse Du ration - tp (u s)
Non-Repetitive Peak Pulse Power vs. Pulse Time
0
10
20
30
40
50
60
70
80
90
100
110
0
5
10
15
20
25
30
Time ( s)
e
-t
td = IPP /2
Wave form
Paramete rs:
tr = 8 s
td = 20 s
Pulse Waveform
u



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com