Electronic Components Datasheet Search
  English  ▼

X  

SE7806 Datasheet(PDF) 4 Page - SeCoS Halbleitertechnologie GmbH

Part # SE7806
Description  Positive Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SE7806 Datasheet(HTML) 4 Page - SeCoS Halbleitertechnologie GmbH

  SE7806 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SE7806 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SE7806 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SE7806 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SE7806 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SE7806 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Elektronische Bauelemente
Any changing of specification will not be informed individual
http://www.SeCoSGmbH.com
01-Jun-2002 Rev. A
Page 4 of 6
VO
9
SE78XX
3-Terminal
Positive Voltage Regulator
A-Rank (3%)
9.70
10.0
10.30
VO
B-Rank (5%)
9.50
-
10.50
V
Vin=16V, Io=500mA, Tj=25 :
12.5V Vin 25V, 5mA Io 1A, PD 15W
-
-
100
13V Vin 25V, Io=500mA, Tj=25 :
VO
(Line Regulation)
-
-
50
mV
14V Vin 20V, Io=500mA, Tj=25 :
-
-
100
Vin=16V, 5mA Io 1A, Tj=25 :
VO
(Load Regulation)
-
-
50
mV
Vin=16V, 250mA Io 750mA, Tj=25 :
I
Q
-
-
8.0
mA
Vin=16V, Io=500mA, Tj=25 :
-
-
0.5
Vin=16V, 5mA Io 1A
I
Q
-
-
1.0
mA
12.5V Vin 25V, Io=500mA
Vn
-
58
-
V
10Hz f 100KHz, Tj=25 :
RR
-
72
-
dB
13V Vin 23V, f=120Hz, Tj=25 :
VD
-
2
-
V
I
o=1A, Tj=25 :
I
sc
-
250
-
mA
Vin=35V, Tj=25 :
I
pk
-
1.8
-
A
Tj=25 :
Vo / Tj
-
-1.1
-
mV/ :
I
o=5mA, 0 :
Tj 125 :
A-Rank (3%)
11.64
12.0
12.36
VO
B-Rank (5%)
11.40
-
12.60
V
Vin=19V, Io=500mA, Tj=25 :
14.5V Vin 27V, 5mA Io 1A, PD 15W
-
10
120
14.5V Vin 30V, Io=500mA, Tj=25 :
VO
(Line Regulation)
-
3
60
mV
16V Vin 22V, Io=500mA, Tj=25 :
-
-
100
Vin=19V, 5mA Io 1A, Tj=25 :
VO
(Load Regulation)
-
-
60
mV
Vin=19V, 250mA Io 750mA, Tj=25 :
I
Q
-
-
8.0
mA
Vin=19V, Io=500mA, Tj=25 :
-
-
0.5
Vin=19V, 5mA Io 1A
I
Q
-
-
1.3
mA
14.5V Vin 30V, Io=500mA
Vn
-
75
-
V
10Hz f 100KHz, Tj=25 :
RR
-
72
-
dB
15V Vin 25V, f=120Hz, Tj=25 :
VD
-
2
-
V
I
o=1A, Tj=25 :
I
sc
-
250
-
mA
Vin=35V, Tj=25 :
I
pk
-
1.8
-
A
Tj=25 :
Vo / Tj
-
-1.5
-
mV/ :
I
o=5mA, 0 : ‡ Tj 125 :
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
SE7810 (Refer to the test circuits, Tj = 0 ~ 125 C, IO = 500 mA, Vin = 16V, Cin = 0.33 F, Co = 0.1 F unless otherwise specified)
o
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
SE7812 (Refer to the test circuits, Tj = 0 ~ 125 C, IO = 500 mA, Vin = 19V, Cin = 0.33 F, Co = 0.1 F unless otherwise specified)
o



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com