Electronic Components Datasheet Search
  English  ▼

X  

SE7806 Datasheet(PDF) 5 Page - SeCoS Halbleitertechnologie GmbH

Part # SE7806
Description  Positive Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SE7806 Datasheet(HTML) 5 Page - SeCoS Halbleitertechnologie GmbH

  SE7806 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SE7806 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SE7806 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SE7806 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SE7806 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SE7806 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
-Jun-2002 Rev. A
Page
5 of 6
01
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
Elektronische Bauelemente
A-Rank (3%)
14.55
15.0
15.45
VO
B-Rank (5%)
14.25
-
15.75
V
Vin=23V, Io=500mA, Tj=25 :
17.5V Vin 30V, 5mA Io 1A, PD 15W
-
-
150
17.5V Vin 30V, Io=500mA, Tj=25 :
VO
(Line Regulation)
-
-
75
mV
18.5V Vin 30V, Io=500mA, Tj=25 :
-
-
150
Vin=23V, 5mA Io 1A, Tj=25 :
VO
(Load Regulation)
-
-
75
mV
Vin=23V, 250mA Io 750mA, Tj=25 :
I
Q
-
-
8.0
mA
Vin=23V, Io=500mA, Tj=25 :
-
-
0.5
Vin=23V, 5mA Io 1A
I
Q
-
-
1.3
mA
17.5V Vin 30V, Io=500mA
Vn
-
90
-
V
10Hz f 100KHz, Tj=25 :
RR
-
70
-
dB
18.5V Vin 28.5V, f=120Hz, Tj=25 :
VD
-
2
-
V
I
o=1A, Tj=25 :
I
sc
-
250
-
mA
Vin=35V, Tj=25 :
I
pk
-
1.8
-
A
Tj=25 :
Vo / Tj
-
-1.8
-
mV/ :
I
o=5mA, 0
Tj 125
:
:
A-Rank (3%)
17.46
18.0
18.54
VO
B-Rank (5%)
17.10
-
18.9
V
Vin=27V, Io=500mA, Tj=25 :
21V Vin 33V, 5mA Io 1A, PD 15W
-
-
180
21V Vin 33V, Io=500mA, Tj=25 :
VO
(Line Regulation)
-
-
90
mV
24V Vin 30V, Io=500mA, Tj=25 :
-
-
180
Vin=27V, 5mA Io 1A, Tj=25 :
VO
(Load Regulation)
-
-
90
mV
Vin=27V, 250mA Io 750mA, Tj=25 :
I
Q
-
-
8.0
mA
Vin=27V, Io=500mA, Tj=25 :
-
-
0.5
Vin=27V, 5mA Io 1A
I
Q
-
-
1.0
mA
21V Vin 33V, Io=500mA
Vn
-
110
-
V
10Hz f 100KHz, Tj=25 :
RR
-
69
-
dB
22V Vin 32V, f=120Hz, Tj=25 :
VD
-
2
-
V
I
o=1A, Tj=25 :
I
sc
-
250
-
mA
Vin=35V, Tj=25 :
I
pk
-
1.8
-
A
Tj=25 :
Vo / Tj
-
-2.2
-
mV/ :
I
o=5mA, 0 :
Tj 125 :
SE78XX
3-Terminal
Positive Voltage Regulator
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
SE7815 (Refer to the test circuits, Tj = 0 ~ 125 C, IO = 500 mA, Vin = 23V, Cin = 0.33 F, Co = 0.1 F unless otherwise specified)
o
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
SE7818 (Refer to the test circuits, Tj = 0 ~ 125 C, IO = 500 mA, Vin = 27V, Cin = 0.33 F, Co = 0.1 F unless otherwise specified)
o



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com