Electronic Components Datasheet Search
  English  ▼

X  

SN54HC595 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN54HC595
Description  8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54HC595 Datasheet(HTML) 7 Page - Texas Instruments

  SN54HC595 Datasheet HTML 1Page - Texas Instruments SN54HC595 Datasheet HTML 2Page - Texas Instruments SN54HC595 Datasheet HTML 3Page - Texas Instruments SN54HC595 Datasheet HTML 4Page - Texas Instruments SN54HC595 Datasheet HTML 5Page - Texas Instruments SN54HC595 Datasheet HTML 6Page - Texas Instruments SN54HC595 Datasheet HTML 7Page - Texas Instruments SN54HC595 Datasheet HTML 8Page - Texas Instruments SN54HC595 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
SN54HC595, SN74HC595
8-BIT SHIFT REGISTERS
WITH 3-STATE OUTPUT REGISTERS
SCLS041B – DECEMBER 1982 – REVISED MAY 1997
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
VCC
TA = 25°C
SN54HC595
SN74HC595
UNIT
PARAMETER
(INPUT)
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
6
26
4.2
5
fmax
4.5 V
31
38
21
25
MHz
6 V
36
42
25
29
2 V
50
160
240
200
SRCLK
QH
′
4.5 V
17
32
48
40
t d
6 V
14
27
41
34
ns
tpd
2 V
50
150
225
187
ns
RCLK
QA–QH
4.5 V
17
30
45
37
6 V
14
26
38
32
2 V
51
175
261
219
tPHL
SRCLR
QH
′
4.5 V
18
35
52
44
ns
6 V
15
30
44
37
2 V
40
150
225
187
ten
OE
QA–QH
4.5 V
15
30
45
37
ns
6 V
13
26
38
32
2 V
42
200
300
250
tdis
OE
QA–QH
4.5 V
23
40
60
50
ns
6 V
20
34
51
43
2 V
28
60
90
75
QA–QH
4.5 V
8
12
18
15
tt
6 V
6
10
15
13
ns
tt
2 V
28
75
110
95
ns
QH
′
4.5 V
8
15
22
19
6 V
6
13
19
16
switching characteristics over recommended operating free-air temperature range, CL = 150 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
VCC
TA = 25°C
SN54HC595
SN74HC595
UNIT
PARAMETER
(INPUT)
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
60
200
300
250
tpd
RCLK
QA–QH
4.5 V
22
40
60
50
ns
6 V
19
34
51
43
2 V
70
200
298
250
ten
OE
QA–QH
4.5 V
23
40
60
50
ns
6 V
19
34
51
43
2 V
45
210
315
265
tt
QA–QH
4.5 V
17
42
63
53
ns
6 V
13
36
53
45
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load
400
pF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com