Electronic Components Datasheet Search
  English  ▼

X  

SN54HC646 Datasheet(PDF) 7 Page - Texas Instruments

Part # SN54HC646
Description  OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54HC646 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN54HC646 Datasheet HTML 2Page - Texas Instruments SN54HC646 Datasheet HTML 3Page - Texas Instruments SN54HC646 Datasheet HTML 4Page - Texas Instruments SN54HC646 Datasheet HTML 5Page - Texas Instruments SN54HC646 Datasheet HTML 6Page - Texas Instruments SN54HC646 Datasheet HTML 7Page - Texas Instruments SN54HC646 Datasheet HTML 8Page - Texas Instruments SN54HC646 Datasheet HTML 9Page - Texas Instruments SN54HC646 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
SN54HC646, SN74HC646
OCTAL BUS TRANSCEIVERS AND REGISTERS
WITH 3-STATE OUTPUTS
SCLS150B – DECEMBER 1982 – REVISED MAY 1997
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 2)
PARAMETER
FROM
TO
VCC
TA = 25°C
SN54HC646
SN74HC646
UNIT
PARAMETER
(INPUT)
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
6
11
4.4
5.5
fmax
4.5 V
31
54
22
27
MHz
6 V
36
64
25
31
2 V
65
180
270
225
CLKBA or CLKAB
A or B
4.5 V
18
36
54
45
6 V
14
31
46
38
2 V
50
135
205
170
tpd
A or B
B or A
4.5 V
14
27
41
34
ns
6 V
11
23
35
29
†
2 V
70
190
285
240
SBA or SAB†
A or B
4.5 V
20
38
57
48
6 V
16
32
48
41
2 V
85
245
370
305
ten
OE
A or B
4.5 V
25
49
74
61
ns
6 V
20
42
63
52
2 V
85
245
370
305
tdis
OE
A or B
4.5 V
25
49
74
61
ns
6 V
20
42
63
52
2 V
80
245
370
305
ten
DIR
A or B
4.5 V
25
49
74
61
ns
6 V
20
42
63
52
2 V
80
245
370
305
tdis
DIR
A or B
4.5 V
25
49
74
61
ns
6 V
20
42
63
52
2 V
28
60
90
75
tt
Any
4.5 V
8
12
18
15
ns
6 V
6
10
15
13
† These parameters are measured with the internal output state of the storage register opposite that of the bus input.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com