Electronic Components Datasheet Search
  English  ▼

X  

SN54HC646 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN54HC646
Description  OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54HC646 Datasheet(HTML) 1 Page - Texas Instruments

  SN54HC646 Datasheet HTML 1Page - Texas Instruments SN54HC646 Datasheet HTML 2Page - Texas Instruments SN54HC646 Datasheet HTML 3Page - Texas Instruments SN54HC646 Datasheet HTML 4Page - Texas Instruments SN54HC646 Datasheet HTML 5Page - Texas Instruments SN54HC646 Datasheet HTML 6Page - Texas Instruments SN54HC646 Datasheet HTML 7Page - Texas Instruments SN54HC646 Datasheet HTML 8Page - Texas Instruments SN54HC646 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SN54HC646, SN74HC646
OCTAL BUS TRANSCEIVERS AND REGISTERS
WITH 3-STATE OUTPUTS
SCLS150B – DECEMBER 1982 – REVISED MAY 1997
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Independent Registers for A and B Buses
D Multiplexed Real-Time and Stored Data
D True Data Paths
D High-Current 3-State Outputs Can Drive up
to 15 LSTTL Loads
D Package Options Include Plastic
Small-Outline (DW) and Ceramic Flat (W)
Packages, Ceramic Chip Carriers (FK), and
Standard Plastic (NT) and Ceramic (JT)
300-mil DIPs
description
The ’HC646 consist of bus-transceiver circuits
with 3-state outputs, D-type flip-flops, and control
circuitry arranged for multiplexed transmission of
data directly from the input bus or from the internal
registers. Data on the A or B bus is clocked into the
registers on the low-to-high transition of the
appropriate clock (CLKAB or CLKBA) input.
Figure 1 illustrates the four fundamental bus-
management functions that can be performed
with the ’HC646.
Output-enable (OE) and direction-control (DIR)
inputs control the transceiver functions. In the
transceiver
mode,
data
present
at
the
high-impedance port may be stored in either or
both registers.
The select-control (SAB and SBA) inputs can
multiplex stored and real-time (transparent mode)
data. DIR determines which bus receives data
when OE is active (low). In the isolation mode (OE
high), A data may be stored in one register and /or
B data may be stored in the other register.
When an output function is disabled, the input function is still enabled and can be used to store and transmit
data. Only one of the two buses, A or B, may be driven at a time.
The SN54HC646 is characterized for operation over the full military temperature range of – 55
°C to 125°C. The
SN74HC646 is characterized for operation from –40
°C to 85°C.
Copyright
© 1997, Texas Instruments Incorporated
UNLESS OTHERWISE NOTED this document contains PRODUCTION
DATA information current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all
parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
14 15 16 17
SN54HC646 . . . JT OR W PACKAGE
SN74HC646 . . . DW OR NT PACKAGE
(TOP VIEW)
SN54HC646 . . . FK PACKAGE
(TOP VIEW)
CLKAB
SAB
DIR
A1
A2
A3
A4
A5
A6
A7
A8
GND
VCC
CLKBA
SBA
OE
B1
B2
B3
B4
B5
B6
B7
B8
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
5
6
7
8
9
10
11
25
24
23
22
21
20
19
43
2 1 28
12 13
OE
B1
B2
NC
B3
B4
B5
A1
A2
A3
NC
A4
A5
A6
18
27 26
NC – No internal connection


Similar Part No. - SN54HC646

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC646 TI1-SN54HC646 Datasheet
629Kb / 16P
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54HC646 TI2-SN54HC646 Datasheet
325Kb / 14P
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
REVISED MARCH 2003
SN54HC646 TI1-SN54HC646_15 Datasheet
629Kb / 16P
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN54HC646

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT646 TI-SN54ABT646 Datasheet
344Kb / 16P
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54BCT646 TI-SN54BCT646 Datasheet
337Kb / 15P
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54BCT652 TI-SN54BCT652 Datasheet
112Kb / 7P
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVC646A TI-SN54LVC646A Datasheet
197Kb / 13P
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT646A TI-SN54ABT646A_07 Datasheet
528Kb / 24P
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54BCT646 TI-SN54BCT646_07 Datasheet
385Kb / 18P
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT2952A TI-SN54ABT2952A_07 Datasheet
548Kb / 19P
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ALS652 TI-SN54ALS652_00 Datasheet
700Kb / 33P
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT651 TI-SN54ABT651_08 Datasheet
362Kb / 14P
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN74ALS646 TI-SN74ALS646 Datasheet
1Mb / 29P
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com