Electronic Components Datasheet Search
  English  ▼

X  

SM2123 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SM2123
Description  Voltage Regula tor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM2123 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SM2123 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM2123 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SM2123 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SM2123 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SM2123 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Elektronische Bauelemente
SM2123
CMOS Positive
Voltage Regulator
Description
The
SM2123 series of positive,linear regulators feature low quiescent
current (30µA typ.) with low dropout voltage, making them ideal
* Factory Pre-set Output Voltage
Features
* High Accurate
* Over-Temperature Shutdown
±
1.5%
* Very Low Dropout Voltage
* Low Temperature Coefficient
* Short Circuit Current Fold-back
* Guaranteed 300mA output
* Current Limiting
* Portable Electronics
Applications
* PC Peripherals
* Wireless Devices
* Battery Powered Widgets
* Electronic Scales
* Instrumentation
* Cordless Phones
f
or battery applications. These rugged devices have both Thermal Shutdown,
and Current Fold-back to prevent device failure under the "Worst" of
operating conditions. The SM2123 is stable with an output capacitance of
2.2µF or greater.
01-Jun-2002 Rev. A
Page 1 of
5
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
RoHS Compliant Product
Typical Application Circuit
Block Diagram
SOT-89
SM2123
E
REF.
Min.
Max.
REF.
Min.
Max.
A
4.4
4.6
G
3.00 REF.
B
4.05
4.25
H
1.50 REF.
C
1.50
1.70
I
0.40
0.52
D
1.30
1.50
J
1.40
1.60
E
2.40
2.60
K
0.35
0.41
F
0.89
1.20
L
5° TYP.
M
0.70 REF.
Millimeter
Millimeter


Similar Part No. - SM2123

ManufacturerPart #DatasheetDescription
logo
Linkage Goston Electron...
SM2123E LINKAGE-SM2123E Datasheet
1Mb / 8P
Double-channel adjustable LED constant current drive chip
More results

Similar Description - SM2123

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S62VP SECOS-S62VP Datasheet
1Mb / 7P
CMOS Positive Voltage Regula tor
S2113 SECOS-S2113 Datasheet
638Kb / 5P
CMOS Positive Voltage Regula tor
SM62FP SECOS-SM62FP Datasheet
1Mb / 7P
Voltage Regula tor
SM2113 SECOS-SM2113 Datasheet
634Kb / 5P
Voltage Regula tor
SM2116 SECOS-SM2116 Datasheet
587Kb / 4P
Voltage Regula tor
SM6201 SECOS-SM6201 Datasheet
1Mb / 8P
Voltage Regula tor
SQ2131 SECOS-SQ2131 Datasheet
1,002Kb / 5P
CMOS Positive Voltage Regula tor
SQ2143 SECOS-SQ2143 Datasheet
1Mb / 8P
CMOS Positive Voltage Regula tor
SQ2153 SECOS-SQ2153 Datasheet
1Mb / 7P
CMOS Positive Voltage Regula tor
SQ2181 SECOS-SQ2181 Datasheet
1Mb / 5P
CMOS Positive Voltage Regula tor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com