Electronic Components Datasheet Search
  English  ▼

X  

SM2123 Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # SM2123
Description  Voltage Regula tor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM2123 Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  SM2123 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM2123 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SM2123 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SM2123 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SM2123 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
01-Jun-2002 Rev. A
Page
3 of 5
h tp://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
Elektronische Bauelemente
SM2123-13
Part Number
Marking
Output Voltage
Part Number
Marking
Output Voltage
SM2123-18
SM2123-20
SM2123-27
SM2123-29
SM2123-31
SM2123-34
SM2123-36
SM2123-38
3E132
1.3V
1.8V
2.0V
2.7V
2.9V
3.1V
3.4V
3.6V
3.8V
SM2123-15
SM2123-19
SM2123-25
SM2123-28
SM2123-30
SM2123-33
SM2123-35
SM2123-37
1.5V
1.9V
2.5V
2.8V
3.0V
3.3V
3.5V
3.7V
XXXX
3E182
XXXX
3E202
XXXX
3E272
XXXX
3E292
XXXX
3E312
XXXX
3E342
XXXX
3E362
XXXX
3E382
XXXX
3E152
XXXX
3E192
XXXX
3E252
XXXX
3E282
XXXX
3E302
XXXX
3E332
XXXX
3E352
XXXX
3E372
XXXX
SM2123-50
5.0V
3E502
XXXX
Characteristics Curve
Ordering Information(contd.)
SM2123
CMOS Positive
Voltage Regulator



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com