Electronic Components Datasheet Search
  English  ▼

X  

HC646 Datasheet(PDF) 5 Page - Texas Instruments

Part # HC646
Description  OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

HC646 Datasheet(HTML) 5 Page - Texas Instruments

  HC646 Datasheet HTML 1Page - Texas Instruments HC646 Datasheet HTML 2Page - Texas Instruments HC646 Datasheet HTML 3Page - Texas Instruments HC646 Datasheet HTML 4Page - Texas Instruments HC646 Datasheet HTML 5Page - Texas Instruments HC646 Datasheet HTML 6Page - Texas Instruments HC646 Datasheet HTML 7Page - Texas Instruments HC646 Datasheet HTML 8Page - Texas Instruments HC646 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SN54HC646, SN74HC646
OCTAL BUS TRANSCEIVERS AND REGISTERS
WITH 3-STATE OUTPUTS
SCLS150B – DECEMBER 1982 – REVISED MAY 1997
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions
SN54HC646
SN74HC646
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
2
5
6
2
5
6
V
VCC = 2 V
1.5
1.5
VIH
High-level input voltage
VCC = 4.5 V
3.15
3.15
V
VCC = 6 V
4.2
4.2
VCC = 2 V
0
0.5
0
0.5
VIL
Low-level input voltage
VCC = 4.5 V
0
1.35
0
1.35
V
VCC = 6 V
0
1.8
0
1.8
VI
Input voltage
0
VCC
0
VCC
V
VO
Output voltage
0
VCC
0
VCC
V
VCC = 2 V
0
1000
0
1000
tt
Input transition (rise and fall) time
VCC = 4.5 V
0
500
0
500
ns
VCC = 6 V
0
400
0
400
TA
Operating free-air temperature
–55
125
–40
85
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
SN54HC646
SN74HC646
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
1.9
1.998
1.9
1.9
IOH = –20 µA
4.5 V
4.4
4.499
4.4
4.4
VOH
VI = VIH or VIL
6 V
5.9
5.999
5.9
5.9
V
IOH = –6 mA
4.5 V
3.98
4.3
3.7
3.84
IOH = –7.8 mA
6 V
5.48
5.8
5.2
5.34
2 V
0.002
0.1
0.1
0.1
IOL = 20 µA
4.5 V
0.001
0.1
0.1
0.1
VOL
VI = VIH or VIL
6 V
0.001
0.1
0.1
0.1
V
IOL = 6 mA
4.5 V
0.17
0.26
0.4
0.33
IOL = 7.8 mA
6 V
0.15
0.26
0.4
0.33
II
Control
inputs
VI = VCC or 0
6 V
±0.1
±100
±1000
±1000
nA
IOZ
A or B
VO = VCC or 0
6 V
±0.01
±0.5
±10
±5
µA
ICC
VI = VCC or 0,
IO = 0
6 V
8
160
80
µA
Ci
Control
inputs
2 V to 6 V
3
10
10
10
pF
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com