Electronic Components Datasheet Search
  English  ▼

X  

SMSNE555 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SMSNE555
Description  Single Timer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMSNE555 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SMSNE555 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMSNE555 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMSNE555 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SMSNE555 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SMSNE555 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Elektronische Bauelemente
SMSNE555
Single Timer
Description
F
Features
Applications
High current driver capability (=200mA)
Adjustable duty cycle
timing form sec to hours
turn off time less than 2 sec
Precision timing
Pulse generation
Time delay generation
or stable mode: frequency and duty cycle are accurately controlled with two external resistors and one capacitor.
The SMSNE555 is a highly stable timer IC that can be operated in astable mode and monostable mode.
For monostable mode: time delay is controlled by one external and one capacitor.
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
P
ackage Dimensions
RoHS Compliant Product
Block Diagram and Simplified Application & Pin Configuration
01-Jun-200
6 Rev. A
Page 1 of 5
Min. Max.
Min. Max.
A
-
1.10
L
0.4
0.7
A1
0.05 0.15
L1
A2
0.78 0.94
b
0.22 0.38
D
2.90 3.10
c
0.08 0.23
E
2.90 3.10
e
HE
4.75 5.05
0.95 BSC.
0.65 BSC.
Ref.
Ref.
mm
mm


Similar Part No. - SMSNE555

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
SMS SCHURTER-SMS Datasheet
323Kb / 4P
Print and SMD Switch Short Stroke 11.4 mm
logo
Isabellenhütte Heu...
SMS ISABELLENHUETTE-SMS Datasheet
1Mb / 5P
Precision resistors
logo
Schurter Inc.
SMS SCHURTER-SMS Datasheet
334Kb / 4P
Print and SMD Switch Short Stroke 11.4 mm
04.01.2022
logo
Adam Technologies, Inc.
SMS-001-GT ADAM-TECH-SMS-001-GT Datasheet
57Kb / 1P
PIN RECEPTACLES
logo
Projects Unlimited, Inc...
SMS-1308MS-2-R PUI-SMS-1308MS-2-R Datasheet
215Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
More results

Similar Description - SMSNE555

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA555 FAIRCHILD-KA555 Datasheet
148Kb / 14P
Single Timer
logo
GTM CORPORATION
GPNE555 GTM-GPNE555 Datasheet
499Kb / 5P
SINGLE TIMER
GSCNE555 GTM-GSCNE555 Datasheet
519Kb / 5P
SINGLE TIMER
logo
SeCoS Halbleitertechnol...
SSCNE555 SECOS-SSCNE555 Datasheet
777Kb / 5P
Single Timer
logo
Fairchild Semiconductor
LM555 FAIRCHILD-LM555_12 Datasheet
194Kb / 13P
Single Timer
KA555IDTF FAIRCHILD-KA555IDTF Datasheet
156Kb / 14P
Single Timer
KA555I FAIRCHILD-KA555I Datasheet
156Kb / 14P
Single Timer
KA555DTF FAIRCHILD-KA555DTF Datasheet
156Kb / 14P
Single Timer
logo
Unisonic Technologies
NE555 UTC-NE555_15 Datasheet
205Kb / 8P
SINGLE TIMER
C555 UTC-C555_18 Datasheet
208Kb / 4P
SINGLE TIMER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com