| Electronic Components Datasheet Search |
|
SMSNE555 Datasheet(PDF) 5 Page - SeCoS Halbleitertechnologie GmbH |
|
|
|||||||||||||||||||||||||||||
SMSNE555 Datasheet(HTML) 5 Page - SeCoS Halbleitertechnologie GmbH |
|
5 / 5 page ![]() 01-Jun-2006 Rev. A Page 5of 5 http://www.SeCoSGmbH.com/ Any changing of specification will not be informed individual Elektronische Bauelemente Single Timer Application Circuit Application Notes The application circuit shows astable mode configuration. Pin 6 (Threshold) is tied to Pin 2 (Trigger) and Pin 4 (Reset) is tied to VCC (Pin 8). The external capacitor C1 of Pin 6 and Pin 2 charges through RA, RB and discharge through RB only. In the internal circuit of GSCNE555, one input of the upper comparator is at voltage of 2/3VCC (R1=R2=R3), another input is connected to Pin 6. As soon as C1 is charging to higher than 2/3VCC, transistor Q1 is turned ON and discharge C1 to collector voltage of transistor Q1. Therefore, the flip-flop circuit is reset and output is low. One input of lower comparator is at voltage of 1/3VCC, discharge transistor Q1 turn off and C1 charges through RA and RB. Therefore, flip-flop circuit is set output high. That is, when C1 charges through RA and RB, output is high and when C1 discharge through RB, output is low. The charge time (output is high) t1 is 0.693 (RA+RB) C1 and the discharge time (output is low) T2 is 0.693RB*C1. In 1 3 - Vcc Vcc Vcc 2 3 - =0.693 T1=0.693*(RA+RB)*C1 Thus the total period time T is given by T2=0.693*RB*C1 T=T1+T2=0.693(RA+2RB)*C1 Then the frequency of astable mode is given by f = = The duty cycle is given by D.C. = = FLIP-FLOP SPNE555 Vcc Vcc Vcc 1 T (RA+2RB)*C1 C1 1.44 1.44 T2 T RB RA+2RB RA+2RB RB Vcc SMSNE555 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |