Electronic Components Datasheet Search
  English  ▼

X  

SPW8103S Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SPW8103S
Description  Dual OP-AMP and 2.5V 0.7% Voltage Reference
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SPW8103S Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SPW8103S Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SPW8103S Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SPW8103S Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SPW8103S Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
SPW8103S
Dual OP-AMP and 2.5V 0.7%
Voltage Reference
* VREF Sinking Current Capability : 1mA to 100 mA
* Max. 27V Voltage Rating
* Low Input Offset Voltage
* Precision 0.7% Voltage Reference
* Adapter
* Switching Power Supply
* Portable Device
Features
Appliactions
The SPW8103S consists of 2 low-offset voltage amplifiers and
a high-accuracy 2.5V voltage reference in SOP-8 package.
The SPW8103S provides a low cost and space saving solution
for the application such as power supply and switching adapters.
The SPW8103S is available in a SOP-8 package. It can operate
over the ambient temperature range from -40 C to 105 C.
Description
o
o
01-Jun-2002 Rev. A
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
RoHS Compliant Product
rogrammed by
pacitor CT to ground .Operation 500kHz
nts up to
This is the reference output .It provides charging current for capacitor CT
SOP-8
0.25
Dimensions in millimeters
6.20
5.80
1.27 Typ.
0.35
0.49
4.80
5.00
0
0.10 0.25
1.35
1.75
0.40
0.90
0.19
0.25
3.80
4.00
0.375 REF
o
8
o
45
o
The oscillator frequency and maximum output duty cycle are programmed by
pacitor CT to ground .Operation 500kHz
This output directly drives the gate of a power MOSFET. Peak currents up to
This is the reference output .It provides charging current for capacitor CT
±
±
Typical Circuit
Block Diagram
S
PW8103S
Fig 1. CC/CV Control for Switching Adapters
Pin Descriptions
Pin
Name
Function
1
OUT1
Output of Op-amp 1
2
IN1-
Negative terminal of Op-amp 1
3
IN1+
Positive terminal of Op-amp 1, connected to internal reference voltage
4
GND
Ground
5
IN2+
Positive terminal of Op-amp 2
6
IN2-
Negative terminal of Op-amp 2
7
OUT2
Output of Op-amp 2
8
VCC
Supply voltage
±
±


Similar Part No. - SPW8103S

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SPW88F0E SEOUL-SPW88F0E Datasheet
387Kb / 17P
Industry Standard SMT package Low thermal resistance
More results

Similar Description - SPW8103S

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP4300 BCDSEMI-AP4300 Datasheet
148Kb / 12P
DUAL OP AMP AND VOLTAGE REFERENCE
AP4310 BCDSEMI-AP4310 Datasheet
130Kb / 11P
DUAL OP AMP AND VOLTAGE REFERENCE
logo
Ceramate Technical
CP103 CERAMATE-CP103 Datasheet
310Kb / 9P
Dual OP Amp And Voltage Reference
logo
BCD Semiconductor Manuf...
AP4300 BCDSEMI-AP4300_06 Datasheet
159Kb / 12P
DUAL OP AMP AND VOLTAGE REFERENCE
AP4301 BCDSEMI-AP4301_06 Datasheet
160Kb / 13P
DUAL OP AMP AND VOLTAGE REFERENCE
AP4310 BCDSEMI-AP4310_06 Datasheet
140Kb / 11P
DUAL OP AMP AND VOLTAGE REFERENCE
logo
GTM CORPORATION
GSC103 GTM-GSC103 Datasheet
194Kb / 4P
DUAL OP-AMP AND 2.5V 짹 0.7% VOLTAGE REFERENCE
logo
Diodes Incorporated
AP4310A DIODES-AP4310A Datasheet
506Kb / 8P
DUAL OP AMP AND VOLTAGE REFERENCE
Rev 2
AP4310E DIODES-AP4310E Datasheet
402Kb / 9P
DUAL OP AMP AND VOLTAGE REFERENCE
Rev 3
logo
Shenzhen Huazhimei Semi...
HM4310 HMSEMI-HM4310 Datasheet
507Kb / 6P
Dual op AMP and voltage reference
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com