Electronic Components Datasheet Search
  English  ▼

X  

SPW8103S Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SPW8103S
Description  Dual OP-AMP and 2.5V 0.7% Voltage Reference
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SPW8103S Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SPW8103S Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SPW8103S Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SPW8103S Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SPW8103S Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
http://www.SeCoSGmbH.com/
Elektronische Bauelemente
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page
2 of 4
SPW8103S
Dual OP-AMP and 2.5V 0.7%
Voltage Reference
±
Absolute Maximum Ratings
Parameter
Ratings
Unit
Supply Voltage VCC
27
V
Differential Input Voltage(IN1+ to IN1-, IN2+ to IN2-)
27
V
Input Voltage
-0.3 ~ VCC+0.3V
V
Maximum Junction Temperature
150
:
Operating Ambient Temperature Range
-40 ~ + 105
:
Storage Temperature Range
-65 ~ + 150
:
Lead Temperature (PB Free, 10sec)
260
:
Junction-to-Ambient Thermal Resistance
160
: /W
ESD Level (Human Body Model)
2k
V
Caution:
Stresses beyond the ratings in “Absolute maximum ratings” may cause permanent damage to the device. This is a stress only rating and
operation of device at these or any other conditions above those indicated in the operational sections of this specification is not limited.
Electrical Characteristics
Parameter
Test Conditions
Min
Typ
Max
Unit
VCC=5V, -40 : ~105 :
-
0.7
1.2
Total Supply Current (No Load)
VCC=27V, -40 : ~105 :
-
-
2
mA
(VCC=+5V, TA=+25 : unless otherwise stated)
Parameter
Test Conditions
Min
Typ
Max
Unit
OP-Amp1 & OP-Amp2
25 :
-
1
4
Input Offset Voltage
(Common mode Voltage=0V)
-40 : ~105 :
-
-
5
mV
Input Offset Voltage Drift
-
7
-
V/ :
Input Bias Current (OP1)
25 :
-
20
-
nA
25 :
-
20
150
Input Bias Current (OP2)
-40 : ~105 :
-
-
200
nA
Output Source Current
VCC=15V, VO=2V
Differential Input Voltage=1V
20
40
-
mA
VCC=15V, VO=2V
Differential Input Voltage=-1V
10
-
-
mA
Output Sink Current
VCC=15V, VO=0.2V
Differential Input Voltage=-1V
12
50
-
A
Output Short Current
VCC=15V
-
40
60
mA
VCC=27V, RL=2k , 25 :
23
24
-
VCC=27V, RL=2k , -40 : ~105 :
23
-
-
VCC=27V, RL=10k , 25 :
24
-
-
Output Voltage – High Level
VCC=27V, RL=10k , -40 : ~105 :
24
25
-
V
RL=10k , 25 :
-
5
20
Output Voltage – Low Level
RL=10k , -40 : ~105 :
-
-
20
mV
Large Signal Voltage Gain (OP1)
Common mode Voltage=0V
VCC=15V, RL=2k
VO=1.4V~11.4V, -40 : ~105 :
-
100
-
V/mV
VCC=15V, RL=2k , VO=1.4V~11.4V, 25 :
50
100
-
Large Signal Voltage Gain (OP2)
VCC=15V, RL=2k , VO=1.4V~11.4V, -40 : ~105 :
25
-
-
V/mV
Slew Rate at Unity Gail
VIN=0.5V~2V, VCC=15V
RL=2k , CL=100pF, Unity Gain
0.2
0.4
-
V/ S
Supply Voltage Rejection Ratio
Common mode Voltage=0V, VCC=5~27V
65
100
-
dB
Gain Bandwidth Product
VCC=27V, RL=2k , CL=100pF, f=100kHz, VIN=10mV
0.5
0.9
-
MHz
Total Harmonic Distortion
VCC=27V, RL=2k , CL=100pF
VO=2VPP, f=1kHz, AV=20dB
-
0.02
-
%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com