Electronic Components Datasheet Search
  English  ▼

X  

ML58C88 Datasheet(PDF) 3 Page - Minilogic Device Corporation Limited

Part # ML58C88
Description  CMOS BTL Drivers for DVD players
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML58C88 Datasheet(HTML) 3 Page - Minilogic Device Corporation Limited

  ML58C88 Datasheet HTML 1Page - Minilogic Device Corporation Limited ML58C88 Datasheet HTML 2Page - Minilogic Device Corporation Limited ML58C88 Datasheet HTML 3Page - Minilogic Device Corporation Limited ML58C88 Datasheet HTML 4Page - Minilogic Device Corporation Limited ML58C88 Datasheet HTML 5Page - Minilogic Device Corporation Limited ML58C88 Datasheet HTML 6Page - Minilogic Device Corporation Limited ML58C88 Datasheet HTML 7Page - Minilogic Device Corporation Limited ML58C88 Datasheet HTML 8Page - Minilogic Device Corporation Limited ML58C88 Datasheet HTML 9Page - Minilogic Device Corporation Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ML58C88
- 3 -
E
EL
LE
EC
CT
TR
RI
IC
CA
AL
L C
CH
HA
AR
RA
AC
CT
TE
ER
RI
IS
ST
TI
IC
CS
S
(Unless otherwise specified Ta=25
, V
℃
CC1=VCC2=5V, BIAS=2.5V, RL=8Ω/10Ω/20Ω/45Ω)
*
* T
Th
hiis
s d
de
ev
viic
ce
e iis
s n
no
ott d
de
es
siig
gn
ne
ed
d ffo
orr p
prro
otte
ec
cttiio
on
n a
ag
ga
aiin
ns
stt rra
ad
diio
oa
ac
cttiiv
ve
e rra
ay
ys
s..
** It is based on 8550C PNP application.
*** It is based on 8550D
PARAMETER
Symbol
CONDITIONS
MIN
TYPE
MAX
UNITS
Quiescent Current
ICC
5
15
25
mA
Voltage for mute ON
Vston
--
--
0.5
V
Voltage for mute OFF
Vstoff
1.5
--
--
V
<Actuator drivers>
Output offset voltage
Voo
--
--
+ 50
mV
Maximum output
voltage
Vom
@10Ω Load
3.3
4.0
--
V
Voltage gain
Gv
VIN=BIAS+0.2Vpp ac
@1KHz
21.5
23.5
25.5
dB
< Sled motor driver >
Output offset voltage
Voofs1
--
--
+100
mV
Maximum output
voltage
Voms1
@20Ω Load
3.5
4.0
--
V
Closed loop voltage
gain
Gvs1
VIN=BIAS+0.2Vpp ac
@1KHz
18
20
22
dB
< Spindle motor driver >
Output offset voltage
Voofld
--
--
+50
mV
Maximum output
voltage
Vomax
@8Ω Load
--
3.5
--
V
Voltage gain
Gvld
VIN=BIAS+0.2Vpp ac
@1KHz
13.3
15.5
17.5
dB
Gain error by polarity
△Gvld
VIN=BIAS+0.2Vpp ac
@1KHz
dB
< Tray motor driver >
Output saturation
voltage 1
VSAT1
Upper + Lower saturation,
IL=200mA
--
1.1
1.5
V
Output saturation
voltage between F & R
VSAT1
△
Output saturation voltage
1 between FWD and REV
--
--
0.1
V
Output saturation
voltage 2
VSAT2
Upper + Lower saturation,
IL=500mA
1.0
1.55
2.2
V
< Tray motor driver input logic >
Input Threshold
VTH
0.5
--
1.5
V
Pull Down Resistor
RL
--
200
--
kΩ
< Regulator > **
Output voltage
Vreg
IL=500mA ***
1.5
4.0
V
Output load differential
V
△ RL
IL=500mA
-50
0
50
mV
Power supply voltage
differential
V
△
VCC
(Vcc=4.5 ~8V) IL=500mA
-25
0
25
mV



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com