Electronic Components Datasheet Search
  English  ▼

X  

ML58C88 Datasheet(PDF) 6 Page - Minilogic Device Corporation Limited

Part # ML58C88
Description  CMOS BTL Drivers for DVD players
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML58C88 Datasheet(HTML) 6 Page - Minilogic Device Corporation Limited

Back Button ML58C88 Datasheet HTML 2Page - Minilogic Device Corporation Limited ML58C88 Datasheet HTML 3Page - Minilogic Device Corporation Limited ML58C88 Datasheet HTML 4Page - Minilogic Device Corporation Limited ML58C88 Datasheet HTML 5Page - Minilogic Device Corporation Limited ML58C88 Datasheet HTML 6Page - Minilogic Device Corporation Limited ML58C88 Datasheet HTML 7Page - Minilogic Device Corporation Limited ML58C88 Datasheet HTML 8Page - Minilogic Device Corporation Limited ML58C88 Datasheet HTML 9Page - Minilogic Device Corporation Limited ML58C88 Datasheet HTML 10Page - Minilogic Device Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
ML58C88
6
P
PO
OW
WE
ER
R D
DI
IS
SS
SI
IP
PA
AT
TI
IO
ON
N C
CU
UR
RV
VE
E
*70mm x 70mm x 1.6mm glass epoxy board
*De-rating is done at 13.6mW/
for operating above T= 25
℃
℃
O
OP
PE
ER
RA
AT
TI
IO
ON
N N
NO
OT
TE
ES
S
1)
The built-in thermal shutdown circuit mutes the output current when the chip
temperature reaches 175 ℃ (typ). The hysteresis is set to 25°C (typ.) ,so the
circuit will start up again when the chip temperature falling to 150°C (typ.)
2)
In case mute pin voltage is under 0.5V and NC, output current is muted (except
for tray motor driver). Mute pin voltage should be more than 2.0V for normal
application.
3)
Bias pin (pin 27) should be pulled up more than 1.2V. In case the bias pin
voltage is pulled down below 0.9V (typ.), the output current is muted.
4)
Insert the bypass capacitor (~0.1uF) between Vcc pin and GND pin as close as
possible.
5)
Heat dissipation fins are attached to the GND on the inside of the package. Make
sure to connect them to the external GND.
6)
NC pins (20,24) are reserved for internal test. Please keep them floating.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com