Electronic Components Datasheet Search
  English  ▼

X  

ML6102 Datasheet(PDF) 7 Page - Minilogic Device Corporation Limited

Part # ML6102
Description  Positive Voltage Detector (Inverted Output)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML6102 Datasheet(HTML) 7 Page - Minilogic Device Corporation Limited

Back Button ML6102 Datasheet HTML 3Page - Minilogic Device Corporation Limited ML6102 Datasheet HTML 4Page - Minilogic Device Corporation Limited ML6102 Datasheet HTML 5Page - Minilogic Device Corporation Limited ML6102 Datasheet HTML 6Page - Minilogic Device Corporation Limited ML6102 Datasheet HTML 7Page - Minilogic Device Corporation Limited ML6102 Datasheet HTML 8Page - Minilogic Device Corporation Limited ML6102 Datasheet HTML 9Page - Minilogic Device Corporation Limited ML6102 Datasheet HTML 10Page - Minilogic Device Corporation Limited ML6102 Datasheet HTML 11Page - Minilogic Device Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
P7/11
Preliminary, June 2005
ML6102
Ordering Information
Marking
Designator
Description
a
Output Configuration
C = CMOS Output
N = N-Channel Output
Detect Voltage
eg.
30=3.0V
b
50=5.0V
c
Detect Voltage Accuracy
2 = +2.0%
3 = +3.0%
d
Package Type
M = SOT-23-3
P = SOT-89
T = TO-92
e
Device Orientation
R = Embossed Tape
(Orientation of Device : Right)
L = Embossed Tape
(Orientation of Device : Left)
B = Bag (TO-92)
H = Paper Tape (TO-92)
G
G = Lead Free Part
SOT-89-3 :
Designator
Description
1
Type
D = Voltage Detector (CMOS Output)
E = Voltage Detector (N-channel Output)
2,3
Output Voltage
eg. 30 = 3.0V
4
Internal Code
SOT-23-3 :
Designator
Description
1
Type
D = Voltage Detector (CMOS Output)
E = Voltage Detector (N-channel Output)
2,3
Output Voltage
eg. 30 = 3.0V
4
Internal Code
TO-92 :
Designator
Description
1
Type
D = Voltage Detector (CMOS Output)
E = Voltage Detector (N-channel Output)
2,3
Output Voltage
eg. 30 = 3.0V
4
Internal code
5, 6
Year Code
eg. 05 = Year 2005
7, 8
Week Code
eg. 30 = Week 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com