Electronic Components Datasheet Search
  English  ▼

X  

ML6102 Datasheet(PDF) 1 Page - Minilogic Device Corporation Limited

Part # ML6102
Description  Positive Voltage Detector (Inverted Output)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML6102 Datasheet(HTML) 1 Page - Minilogic Device Corporation Limited

  ML6102 Datasheet HTML 1Page - Minilogic Device Corporation Limited ML6102 Datasheet HTML 2Page - Minilogic Device Corporation Limited ML6102 Datasheet HTML 3Page - Minilogic Device Corporation Limited ML6102 Datasheet HTML 4Page - Minilogic Device Corporation Limited ML6102 Datasheet HTML 5Page - Minilogic Device Corporation Limited ML6102 Datasheet HTML 6Page - Minilogic Device Corporation Limited ML6102 Datasheet HTML 7Page - Minilogic Device Corporation Limited ML6102 Datasheet HTML 8Page - Minilogic Device Corporation Limited ML6102 Datasheet HTML 9Page - Minilogic Device Corporation Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
P1/11
Preliminary, June 2005
ML6102
ML6102 Series Positive Voltage Detector (Inverted Output)
Application
Memory Battery Back-up Circuits
Power Failure Detection
Power-on Reset Circuit
System Battery Life and Charge Voltage
Monitor
Features
CMOSLowPowerConsumption:Typical1.0uAat
Vin=2.0V
SelectableDetectVoltage :1.1Vto6.0Vin 0.1Vincrements
HighlyAccurate: DetectVoltage1.1Vto1.9V+3%
DetectVoltage2.0Vto6.0V+2%
OperatingVoltage: 0.8Vto10.0V
PackageAvailable: SOT23(150mW),SOT89 (500mW)
&TO92 (300mW)
General Description
The ML6102 is a group of high-precision and low-power voltage detectors.
The ML6102 consists of a highly-accurate and low-power reference voltage source, a
comparator, a hysteresis circuit, and an output driver. Detect voltage is very accurate and
stable with N-channel open drain and CMOS, are available. Output Voltage is in inverted sense
compared with ML61 series voltage detector.
Block Diagram
(1) CMOS Output
(2) N-Channel Open Drain Output
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Units
Input Voltage
VIN
10
V
Output Current
IOUT
50
mA
Output Voltage
VOUT
VSS-0.3 ~VIN+0.3
V
SOT-23
150
SOT-89
500
Continuous
Total Power
Dissipation
TO-92
Pd
300
mW
Operating Ambient
Temperature
Topr
-40 ~ +70
oC
Storage Temperature
Tstg
-40 ~ +70
oC


Similar Part No. - ML6102

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML6102 ETC1-ML6102 Datasheet
383Kb / 11P
ML6102 Series Positive Voltage Detector (Inverted Output)
ML6102C302MBG ETC1-ML6102C302MBG Datasheet
383Kb / 11P
ML6102 Series Positive Voltage Detector (Inverted Output)
ML6102C302MHG ETC1-ML6102C302MHG Datasheet
383Kb / 11P
ML6102 Series Positive Voltage Detector (Inverted Output)
ML6102C302MLG ETC1-ML6102C302MLG Datasheet
383Kb / 11P
ML6102 Series Positive Voltage Detector (Inverted Output)
ML6102C302MRG ETC1-ML6102C302MRG Datasheet
383Kb / 11P
ML6102 Series Positive Voltage Detector (Inverted Output)
More results

Similar Description - ML6102

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7WT240FU TOSHIBA-TC7WT240FU Datasheet
178Kb / 4P
INVERTED, 3-STATE OUTPUT
20-Jun-1997
logo
RICOH electronics devic...
RN5VD RICOH-RN5VD Datasheet
198Kb / 28P
VOLTAGE DETECTOR WITH OUTPUT DELAY
logo
Tyco Electronics
DT65-0009 MACOM-DT65-0009 Datasheet
216Kb / 2P
Positive Output Plastic Detector, 840 - 2200 MHz
logo
List of Unclassifed Man...
ML6102 ETC1-ML6102 Datasheet
383Kb / 11P
ML6102 Series Positive Voltage Detector (Inverted Output)
logo
Rohm
BD52XXG ROHM-BD52XXG Datasheet
316Kb / 6P
Voltage Detector IC Adjustable Output Delay
logo
Minilogic Device Corpor...
ML61 MINILOGIC-ML61 Datasheet
892Kb / 14P
Series Positive Voltage Detector
logo
RICOH electronics devic...
R3112X RICOH-R3112X Datasheet
951Kb / 30P
LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
logo
Microchip Technology
TC51N2702ECBTR MICROCHIP-TC51N2702ECBTR Datasheet
449Kb / 14P
1UA Voltage Detector with Output Delay
05/01/02
TC51N5002ECBTR MICROCHIP-TC51N5002ECBTR Datasheet
449Kb / 14P
1A Voltage Detector with Output Delay
05/01/02
logo
First Silicon Co., Ltd
FC61 FS-FC61 Datasheet
460Kb / 13P
Positive Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com