Electronic Components Datasheet Search
  English  ▼

X  

ML9266 Datasheet(PDF) 3 Page - Minilogic Device Corporation Limited

Part # ML9266
Description  Step-up DC/DC converter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML9266 Datasheet(HTML) 3 Page - Minilogic Device Corporation Limited

  ML9266 Datasheet HTML 1Page - Minilogic Device Corporation Limited ML9266 Datasheet HTML 2Page - Minilogic Device Corporation Limited ML9266 Datasheet HTML 3Page - Minilogic Device Corporation Limited ML9266 Datasheet HTML 4Page - Minilogic Device Corporation Limited ML9266 Datasheet HTML 5Page - Minilogic Device Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
■ Absolute Maximum Ratings (Ta=25℃
℃
℃
℃)
))
)
Paramenter
Symbol
Ratings
Unit
Supply Voltage
Vin
- 0.3V ~ 7V
V
LX Pin Switch Voltage
VLX
- 0.3 ~ (VDD + 0.8V)
V
Other I/O Pin Voltages
Vss
- 0.3V ~ (VDD + 0.3V) V
Lx Pin Switch Current
ILX
2.5
A
EXT Pin Driver Current
IEXT
200
mA
Package Thermal Resistance
SOT-26
Pd
145
℃/W
SOT-89-5
45
℃/W
Operating Junction Temperature
Tj
125
℃
Storage Temperature Range
Tstg
- 65 ~ +150
℃
■ Electrical Characteristics (Vin =1.5V, VDD=3.3V, I=0, Ta = 25℃, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Start-UP Voltage
VST
IL = 1mA
V
Operating VDD Range
VDD
VDD pin voltage
V
No Load Current I (VIN)
INO LOAD
VIN = 1.5V, VOUT = 3.3V
µ
A
Switch-off Current I (VDD)
ISWITCH OFF
VIN = 6V
µ
A
Shutdown Current I (VIN)
IOFF
CE Pin = 0V, VIN = 4.5V
µ
A
Feedback Reference Voltage
VREF
Close Loop, VDD = 3.3V
V
Switching Frequency
FS
VDD = 3.3V
KHz
Maximum Duty
DMAX
VDD = 3.3V
%
LX ON Resistance
VDD = 3.3V
Current Limit Setting
ILIMIT
VDD = 3.3V
A
EXT ON Resistance to VDD
VDD = 3.3V
EXT ON Resistance to GND
VDD = 3.3V
Line Regulation
△V
LINE
VIN = 1.5 ~ 2.5V, IL = 1mA
mV/V
Load Regulation
△V
LOAD
VIN = 2.5V, IL = 1 ~ 100mA
mV/mA
CE Pin Trip Level
VDD = 3.3V
V
Temperature Stability for Vout
TS
ppm/℃
Thermal Shutdown
TSD
℃
Thermal Shutdown Hysterises
△T
SD
℃
* Note: The CE pin shall be tied to VDD pin and inhibit to act the ON/OFF state whenever the VDD pin voltage
may reach to 5.5V or above.
--
--
--
10
--
--
--
--
--
0.4
--
165
--
10
--
5
--
--
0.8
1.2
0.25
--
50
--
95
--
5
--
--
0.3
--
--
2
1.225
1.25
1.275
--
450
--
--
17
--
--
0.01
1
2
--
6.5
--
75
--
--
0.98
1.05
ML9266
IPCore
P3 / 5
Rev. D, May 2008



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com