Electronic Components Datasheet Search
  English  ▼

X  

ML9266 Datasheet(PDF) 1 Page - Minilogic Device Corporation Limited

Part # ML9266
Description  Step-up DC/DC converter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML9266 Datasheet(HTML) 1 Page - Minilogic Device Corporation Limited

  ML9266 Datasheet HTML 1Page - Minilogic Device Corporation Limited ML9266 Datasheet HTML 2Page - Minilogic Device Corporation Limited ML9266 Datasheet HTML 3Page - Minilogic Device Corporation Limited ML9266 Datasheet HTML 4Page - Minilogic Device Corporation Limited ML9266 Datasheet HTML 5Page - Minilogic Device Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
■ General Description
■ Features
◆ 90% Efficiency
◆ High Supply Capability to Deliver 3.3V 100mA
with 1 Alkaline cell
◆ 17µA Quiescent (switch-off) Supply Current
◆ 450KHz Fixed Switching Frequency
◆ Zero Shutdown Mode Supply Current
◆ Providing Flexibility for Using Internal and
External Power Switches
◆ 1.0V Low Start-up Input Voltage
◆ Small SOT-26 & SOT89-5 Package
iency maintains long battery lifetime.
■ Ordering Information
Item
Package
Shipping
SOT89-5
ML9266MRG
SOT-26
3000pcs/Reel&Tape
ML9266PRG
SOT-89-5
1000pcs/Reel&Tape
■ Applications
■ Package Information
◆ LCD Panel
◆ DSC
◆ MP3
◆ Wireless Equipment
◆ Portable Instrument
◆ PDA
■ Typical Application Circuit
SOT89-5
SOT-23-6
■ Pin Configurations
SOT-26
SOT-89-5 Pin NamePin Function
1
1
CE
Chip enable
2
EXT
Output
3
5
GND
Ground
4
4
LX
Switching
5
2
VDD
Input
6
3
FB
Feedback input 1.25V
Step-up DC/DC converter
generator, comparator, switch pass element and driver
in which providing a stable and high efficient operation
The low start-up input voltage below 1V makes ML9266
the 17 µ A low quiescent current together with high effic-
The ML9266 is available in small package SOT-26 and
The ML9266 is a small, high efficiency, and low voltage
step-up DC/DC converter with an Adaptive Current Mode
PWM control loop, includes an error amplifier, ramp
rate minimized the size of external components. Besides,
over a wide range of load currents. It operates in stable
waveforms
without
external
compensation.
suitable for 1 to 4 battery cells applications of providing
ML9266
up to 300mA output current. The 450KHz high switching
Vin
3.3~10uH
L1
CE
EXT
VDD
ML9266
GND
FB
LX
C3
100uF
C1
100uF
+
R1
1.6M/3M
1N5819
Vout
3.3V/5V
+
D1
R2
980k/1M
1uF
C2
P1 / 5
Rev. D, May 2008


Similar Part No. - ML9266

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML9266 ETC1-ML9266 Datasheet
112Kb / 5P
Step-up DC/DC converter
ML9266MRG ETC1-ML9266MRG Datasheet
112Kb / 5P
Step-up DC/DC converter
ML9266PRG ETC1-ML9266PRG Datasheet
112Kb / 5P
Step-up DC/DC converter
More results

Similar Description - ML9266

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1601 ANACHIP-AP1601 Datasheet
207Kb / 9P
Step-Up DC/DC Converter
Rev. 1.1 Apr. 14, 2005
AP1602 ANACHIP-AP1602 Datasheet
164Kb / 7P
Step-Up DC/DC Converter
Rev. 0.1 Apr. 14, 2004
AP1522 ANACHIP-AP1522 Datasheet
166Kb / 8P
Step-Up DC/DC Converter
Rev. 1.0 May. 5, 2005
logo
Diodes Incorporated
AP1603 DIODES-AP1603 Datasheet
159Kb / 8P
STEP-UP DC/DC CONVERTER
AP1603 Rev. 1
logo
Micon Design Technology...
MDT7727 MDTIC-MDT7727 Datasheet
107Kb / 4P
Step-up DC/DC Converter
logo
Unisonic Technologies
UC8383 UTC-UC8383 Datasheet
446Kb / 10P
STEP-UP DC/DC CONVERTER
logo
SiGe Semiconductor, Inc...
AATIAN36 SIGE-AATIAN36 Datasheet
231Kb / 7P
Step-Up DC/DC Converter
logo
Unisonic Technologies
UC8383 UTC-UC8383_15 Datasheet
444Kb / 9P
STEP-UP DC/DC CONVERTER
logo
Diodes Incorporated
AP1603 DIODES-AP1603_V01 Datasheet
278Kb / 8P
STEP-UP DC-DC CONVERTER
Rev. 4 - 2 February 2014
AP1522 DIODES-AP1522 Datasheet
323Kb / 10P
STEP-UP DC/DC CONVERTER
December 2017 Rev. 4 - 4
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com