Electronic Components Datasheet Search
  English  ▼

X  

JS0408AP4-S Datasheet(PDF) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # JS0408AP4-S
Description  Ultra-Miniature SMT DIP Slides
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

JS0408AP4-S Datasheet(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

  JS0408AP4-S Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. JS0408AP4-S Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. JS0408AP4-S Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. JS0408AP4-S Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. JS0408AP4-S Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. JS0408AP4-S Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Ultra-Miniature SMT DIP Slides
Series JS
TYPICAL SWITCH DIMENSIONS
(5.8)
.228
(0.15)
.006
(0.6)
.024
(8.1)
.319
(0.35)
.014
.228
(5.8)
(0.35)
.014
(0.15)
.006
(0.6)
.024
(8.1)
.319
4 Positions • Extended Actuator
Single Pole
JS0204AP4
8 Positions • Extended Actuator
Single Pole
JS0208AP4
JS0404FP4
JS0408FP4
1
5
2
6
3
7
4
8
1
9
2
10
3
11
4
12
5
13
6
14
7
15
8
1
6
1
5
2
6
3
7
4
8
1
9
2
10
3
11
4
12
5
13
6
14
7
15
8
1
6
End View
End View
Schematic
Schematic
Schematic
Schematic
(9.8)
.386
(1.0)
.039
(0.6)
.024
(0.3)
.012
(7.62)
.300
(0.25)
.010
(0.8)
.031
(0.8) Travel
.031
(1.1) Typ
.043
(3.7)
.146
(2.54) Typ
.100
(0.5) Typ
.020
(7.62)
.300
(0.7)
.028
ON
(1.8)
.071
(6.2)
.244
(11.1)
.437
1
3
2
4
(9.8)
.386
(1.0)
.039
(0.6)
.024
(0.3)
.012
(7.62)
.300
(0.25)
.010
(0.8)
.031
(0.8) Travel
.031
(1.1) Typ
.043
(3.7)
.146
(0.7)
.028
(2.54) Typ
.100
(0.5) Typ
.020
(17.78)
.700
(1.8)
.071
(6.2)
.244
(21.26)
.837
ON
1
3
2
4
5
7
6
8
(1.1) Typ
.043
(2.54) Typ
.100
(8.9)
.350
(1.5) Typ
.059
(7.62)
.300
1
2
3
4
5
6
7
8
(1.1) Typ
.043
(2.54) Typ
.100
(8.9)
.350
(1.5) Typ
.059
(17.78)
.700
5
6
7
8
13
14
15
16
1
2
3
4
9
10
11
12
(3.81)
.150
(0.76) Typ
.030
(1.27) Typ
.050
(1.25) Typ
.049
(7.65)
.301
1 2 3 4
5 6 7 8
(8.89)
.350
(0.76) Typ
.030
(1.27) Typ
.050
(1.25) Typ
.049
(7.65)
.301
1 2 3
5
9 10 11 12
4
6 7 8
13 14 15 16
End View
End View
(1.27) Typ
.050
(0.5) Typ
.020
(8.89)
.350
(0.1)
.004
(2.2)
.087
1
ON
2 3 4 5 6 7 8
(11.3)
.445
(1.26)
.050
(0.65)
.026
(0.65) Travel
.026
(0.7) Typ
.028
ON
1 2 3 4
(6.22)
.245
(1.26)
.050
(0.65)
.026
(0.65) Travel
.026
(0.7) Typ
.028
(1.27) Typ
.050
(0.5) Typ
.020
(3.81)
.150
(0.1)
.004
(2.2)
.087
4 Positions • Flush Actuator
Single Pole
8 Positions • Flush Actuator
Single Pole



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com