Electronic Components Datasheet Search
  English  ▼

X  

JS0408AP4-S Datasheet(PDF) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # JS0408AP4-S
Description  Ultra-Miniature SMT DIP Slides
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

JS0408AP4-S Datasheet(HTML) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

  JS0408AP4-S Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. JS0408AP4-S Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. JS0408AP4-S Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. JS0408AP4-S Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. JS0408AP4-S Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. JS0408AP4-S Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Ultra-Miniature SMT DIP Slides
Series JS
Distinctive Characteristics
Extended and flush slide actuators available.
Twin sliding contact mechanism with self-cleaning action (JS02)
provides smooth actuation and produces high contact reliability.
Gold plated contacts prevent oxidation and sulfide effect
and provide stable contact resistance.
Use of self-extinguishing UL94V-0 certified material
in cover and base provides high arc resistance and
high insulation resistance.
Gull-wing terminals ensure secure PCB mounting
and prevent dislodging during vapor phase and
infrared convection reflow soldering.
Terminal spacing conforms to standard PCB grid.
For JS02: .100” (2.54mm)
For JS04: .050” (1.27mm)
End-to-end stackable.
Packaged in tape-reel or stick-tube. Tape-reel packaging meets
EIA-481-2 Standard.
Coplanarity: all considered surfaces must lie between two parallel planes
that are a maximum distance apart of .0059” (0.15mm). (Additional
coplanarity details in Terms and Acronyms in the Supplement section.)
Actual Sizes
JS02
JS04


Similar Part No. - JS0408AP4-S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JS0404FP4 ETC2-JS0404FP4 Datasheet
506Kb / 6P
General Specifications
More results

Similar Description - JS0408AP4-S

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
CS12ANW03 NKK-CS12ANW03 Datasheet
142Kb / 4P
Miniature Power Rated Slides
FR02FR10P-S NKK-FR02FR10P-S Datasheet
173Kb / 4P
10mm Ultra-Thin SMT DIP Rotaries
FS22AAP NKK-FS22AAP Datasheet
97Kb / 3P
Miniature Slides for High Frequency
JS0104AP4-S NKK-JS0104AP4-S Datasheet
212Kb / 5P
Ultra-Miniature Slide & Piano DIP
MS12LNW01C NKK-MS12LNW01C Datasheet
192Kb / 4P
Miniature Slides
MS12AFW NKK-MS12AFW Datasheet
256Kb / 7P
Miniature Slides
SM0320102 NKK-SM0320102 Datasheet
64Kb / 2P
Ultra-Miniature Slides
SS312SAH4-R NKK-SS312SAH4-R Datasheet
196Kb / 6P
Ultra-Miniature SMT Slides
SS12SDP2LC NKK-SS12SDP2LC Datasheet
185Kb / 4P
Ultra-Miniature Slides
SS12SBP2 NKK-SS12SBP2 Datasheet
149Kb / 5P
Ultra-Miniature Slides
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com