Electronic Components Datasheet Search
  English  ▼

X  

MS10ASG Datasheet(PDF) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # MS10ASG
Description  Miniature Slides
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

MS10ASG Datasheet(HTML) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

  MS10ASG Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. MS10ASG Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. MS10ASG Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. MS10ASG Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. MS10ASG Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. MS10ASG Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. MS10ASG Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Miniature Slides
Series MS
Epoxy Seal
(2.0)
.079
(2.0)
.079
(4.0)
.157
(1.1)
.043
Thk = (0.8)
.031
MOUNTING TYPES & TERMINALS
Panel Mount
(Combines with Solder
Lug Terminal 01 only)
Support Bracket Mount
(For Terminals 13, 30, & 40)
F
S
Straight PC Mount
(Combines with
Straight PC Terminal
03 only)
N
13
Solder Lug
01
Straight PC
03
TYPICAL SWITCH DIMENSIONS
Solder Lug Terminals
Single Pole
MS12AFW01
Actuator in LEFT Position
Solder Lug Terminals
Double Pole
MS22BFW01
Actuator in LEFT Position
Dimension A =
.268” (6.8mm) for on-none-on
.319” (8.1mm) for on-off-on & on-on-on
Maximum Panel Thickness: .197” (5.0mm)
(17.53)
.690
(2.4) Dia Typ
.094
A
(9.0)
.354
(17.53)
.690
(2.4) Dia Typ
.094
A
(4.19)
.165
SP or DP with .150”
(3.8mm) Actuator
DP only with .323”
(8.2mm) Actuator
Maximum Panel Thickness:
For Straight PC with Bracket Terminal 13: .197” (5.0mm)
For Angle Mount Terminals 30 & 40: .177” (4.5mm)
Straight PC with Bracket
Right Angle PC
30
Vertical PC
40
Epoxy Seal
(4.8)
.189
(6.35)
.250
(1.17)
.046
Thk = (0.8)
.031
(6.1)
.240
(6.6)
.260
(19.6)
.772
(17.53)
.690
(1.2) R Typ
.047
(3.8) Sq
.150
(1.1) x (2.0) Typ
.043 x .079
(0.8) Typ
.031
(4.7) Typ
.185
(0.5)
.020
(0.4)
.016
(5.1)
.201
(6.4)
.252
(4.5)
.177
(12.7)
.500
3
2
1
(0.5)
.020
(2.0)
.079
(6.1)
.240
(19.6)
.772
(17.53)
.690
(1.2) R Typ
.047
(8.2)
.323
(6.1)
.240
(19.6)
.772
(17.53)
.690
(1.2) R Typ
.047
(3.8)
.150
(3.8)
.150
(1.1) x (2.0) Typ
.043 x .079
(0.8) Typ
.031
(4.7) Typ
.185
(0.5)
.020
(0.4)
.016
(5.1)
.201
(7.6)
.299
(4.5)
.177
6
5
4
1
2
3
(2.0) Typ
.079
(12.7)
.500
(4.8)
.189
(0.5)
.020
(11.4)
.449



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com