Electronic Components Datasheet Search
  English  ▼

X  

MS10ASG Datasheet(PDF) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # MS10ASG
Description  Miniature Slides
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

MS10ASG Datasheet(HTML) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

  MS10ASG Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. MS10ASG Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. MS10ASG Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. MS10ASG Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. MS10ASG Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. MS10ASG Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. MS10ASG Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Miniature Slides
Series MS
Distinctive Characteristics
Available in flat frame and bracketed PC mounting types.
Over-center actuator block and plunger design gives crisp
actuation with clear indication of circuit status; this design
also diminishes sparking and increases operating life.
Guide interlocked with actuator block prevents
window locking and maintains correct plunger
alignment to assure contact stability.
Antijamming design protects contacts from
damage due to excessive downward force
on the actuator.
High internal barriers between poles and
insulating sheet between case and actuator
block give added protection to contacts.
Specially composed silver alloy contacts for
power applications or gold contacts for logic
level applications give high contact reliability.
Prominent external insulating barriers increase
insulation resistance and dielectric strength.
Epoxy sealed terminals prevent entry of flux, solvents,
and other contaminants.
Clinching of frame to case well above base and terminals provides
1,500V dielectric strength.
Actual Size


Similar Part No. - MS10ASG

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
MS10A CYNERGY3-MS10A Datasheet
80Kb / 2P
Direct power switching
MS10AU CYNERGY3-MS10AU Datasheet
80Kb / 2P
Direct power switching
More results

Similar Description - MS10ASG

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
AS11AP NKK-AS11AP Datasheet
198Kb / 5P
Subminiature Slides
CS12ANW03 NKK-CS12ANW03 Datasheet
142Kb / 4P
Miniature Power Rated Slides
FS22AAP NKK-FS22AAP Datasheet
97Kb / 3P
Miniature Slides for High Frequency
JS0204AP4-S NKK-JS0204AP4-S Datasheet
265Kb / 6P
Ultra-Miniature SMT DIP Slides
MS12LNW01C NKK-MS12LNW01C Datasheet
192Kb / 4P
Miniature Slides
SM0320102 NKK-SM0320102 Datasheet
64Kb / 2P
Ultra-Miniature Slides
SS312SAH4-R NKK-SS312SAH4-R Datasheet
196Kb / 6P
Ultra-Miniature SMT Slides
SS12SDP2LC NKK-SS12SDP2LC Datasheet
185Kb / 4P
Ultra-Miniature Slides
SS12SBP2 NKK-SS12SBP2 Datasheet
149Kb / 5P
Ultra-Miniature Slides
logo
Advantech Co., Ltd.
C-300-S ADVANTECH-C-300-S Datasheet
86Kb / 3P
General Devices ChassisTrak Slides
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com