Electronic Components Datasheet Search
  English  ▼

X  

MPS-30 Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # MPS-30
Description  Low Cost, Open Frame 30W EN60601 (Medical) Approved AC/DC Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPS-30 Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  MPS-30 Datasheet HTML 1Page - MicroPower Direct, LLC MPS-30 Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Unit:mm
+V
-V
1,2
3,4
Assignment
-V
+V
Terminal
1
3
5
2,4
Assignment
AC/L
AC/N
FG
Terminal
(HORIZONTAL)
1
2
3
4
1
2
3
4
5
CN1
T2.5A 250V
FUSE*2
CN2
95.2
101.6
66.1
3.2
CROWBAR
OVP
FILTER
FG
I/P
EMI
FILTER
RECTIFIERS
&
RECTIFIERS
CONTROL
SWITCH-
PWM
ING
POWER
DETECTION
CIRCUIT
&
FILTER
-10
0
10
20
30
40
50
60
20
40
60
80
100
200
80
8
60
12
16
20
24
140
100 120
180
160
28
32
260
240
220
50
100
150
200
250
300
350
Ta=25
4- 3.2
MicroPower Direct
www.micropowerdirect.com
232 Tosca Drive Stoughton, MA 02072
■
TEL: (781) 344-8226
■
FAX: (781) 344-8481
■
E-Mail: sales@micropowerdirect.com
Low Cost, EN60601 (Medical) Approved, 30W AC/DC Power Supplies
MPS-30 Series



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com