Electronic Components Datasheet Search
  English  ▼

X  

MPS-30 Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # MPS-30
Description  Low Cost, Open Frame 30W EN60601 (Medical) Approved AC/DC Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPS-30 Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  MPS-30 Datasheet HTML 1Page - MicroPower Direct, LLC MPS-30 Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
MPS-30-5
MPS-30-12
MPS-30-15
MPS-30-24
MPS-30-27
MPS-30- 4 8
MODEL
OUTPUT
FREQUENCY RANGE
EFFICIENCY (Typ.)
INPUT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
5V
12V
15V
24V
27V
48V
5A
2.5A
2A
1.2A
1.1A
0.6A
25W
30W
30W
28.8W
29.7W
28.8W
80mVp-p
120mVp-p
150mVp-p
240mVp-p
240mVp-p
240mVp-p
3.0%
3.0%
3.0%
3.0%
3.0%
2.0%
1.0%
1.0%
0.5%
0.5%
0.5%
0.5%
2.0%
1.0%
1.0%
1.0%
1.0%
1.0%
72%
75%
76%
77%
78%
78%
SAFETY STANDARDS
Note.2
Note.3
ENVIRONMENT
SAFETY &
EMC
PROTECTION
Key Features:
• Universal AC Input - Full Range
• EN60601, UL2601 (Medical) Approved
• 30W Ouput Power
• Low Leakage Current, < 0.3 mA
• Fixed Switching Frequency (100 kHz)
• >574 kHrs MTBF
• LOW COST!
MPS-30 Series
Low Cost, Open Frame 30W
EN60601 (Medical) Approved
AC/DC Power Supplies
MicroPower Direct
www.micropowerdirect.com
232 Tosca Drive Stoughton, MA 02072
■
TEL: (781) 344-8226
■
FAX: (781) 344-8481
■
E-Mail: sales@micropowerdirect.com


Similar Part No. - MPS-30

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MPS-30 TOTAL-POWER-MPS-30 Datasheet
297Kb / 2P
30W Single Output for Medical Type
logo
Astrodyne Corporation
MPS-30 ASTRODYNE-MPS-30 Datasheet
374Kb / 2P
30W Single Output for Medical Type
logo
Mean Well Enterprises C...
MPS-30 MEANWELL-MPS-30 Datasheet
504Kb / 2P
30W Single Output for Medical Type
MPS-30 MEANWELL-MPS-30 Datasheet
506Kb / 2P
30W Single Output for Medical Type
logo
Total Power Internation...
MPS-30-12 TOTAL-POWER-MPS-30-12 Datasheet
297Kb / 2P
30W Single Output for Medical Type
More results

Similar Description - MPS-30

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPD-45 MPD-MPD-45 Datasheet
565Kb / 2P
Dual Output, Open Frame 45W EN60601 (Medical) Approved AC/DC Power Supplies
MPD-65 MPD-MPD-65 Datasheet
661Kb / 2P
Dual Output, Open Frame 65W EN60601 (Medical) Approved AC/DC Power Supplies
MPS-45 MPD-MPS-45 Datasheet
604Kb / 2P
Low Cost, Open Frame 45W EN60601 (Medical) Approved AC/DC Power Supplies
MPS-65 MPD-MPS-65 Datasheet
704Kb / 2P
Low Cost, Open Frame 65W EN60601 (Medical) Approved AC/DC Power Supplies
MPT-45 MPD-MPT-45 Datasheet
410Kb / 2P
Triple Output, Open Frame 45W EN60601 (Medical) Approved AC/DC Power Supplies
MPT-65 MPD-MPT-65 Datasheet
524Kb / 2P
Triple Output, Open Frame 65W EN60601 (Medical) Approved AC/DC Power Supplies
MPX-200 MPD-MPX-200 Datasheet
1Mb / 4P
Low Cost, 1-4 Output 200W EN60601 (Medical) Approved AC/DC Power Supplies
logo
MPS Industries, Inc.
MBU30 MPSIND-MBU30 Datasheet
252Kb / 2P
30W Open Frame Switching Power Supplies For Medical Equipment
logo
Total Power Internation...
TPMBU30 TOTAL-POWER-TPMBU30 Datasheet
259Kb / 2P
30W Open Frame Type Medical Power Supplies
logo
Tumbler Technologies + ...
THM30 TRUMPOWER-THM30 Datasheet
80Kb / 2P
Medical Grade 30W Open Frame Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com