Electronic Components Datasheet Search
  English  ▼

X  

S821 Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # S821
Description  High Capacity Standard Size Toggles
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

S821 Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  S821 Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. S821 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. S821 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. S821 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
High Capacity Standard Size Toggles
Series S
(9.0)
.354
Keyway
(14.5) Typ
.571
(43.0)
1.693
(42.0)
1.654
3
2
1
9
8
7
6
5
4
Keyway
(9.0)
.354
28
°
(27.0)
1.063
(12.0)
.472
(34.0)
1.339
M12 P1
M4.5x6
(12.0) Typ
.472
(8.15)
.321
(4.0)
.157
(12.0)
.472
(24.0)
.945
(42.0)
1.654
3
2
1
6
5
4
(9.0)
.354
(12.5) Dia
.492
(3.0) Dia
.118
S831D does not have terminals 1, 4 & 7
Positive (+) must be connected to end terminals & negative to common terminals
• Standard Hardware: AT503M Face Hex Nut, AT506 Locking Ring, AT508 Lockwasher, AT527M Backup Hex Nut. See Accessories & Hardware section.
S832D
S821D does not have terminals 1 & 4
Three Pole
Double Pole
Maximum
Panel Thickness:
.177” (4.5mm)
Toggle Position/Connected Terminals
Electrical Capacity
Model
Approvals
Pole &
Throw
Down
Center
Up
Resistive
Inductive L/R = 3ms
DC
30V
DC
48V
DC
125V
DC
250V
DC
24V
DC
48V
DC
125V
DC
250V
S821D
DPST
ON
2-3 5-6
NONE OFF
—
30A 30A 15A 7.5A 15A 10A
6A
3A
S822D
DPDT
ON
2-3 5-6
NONE
ON
2-1 5-4
30A 30A 15A 7.5A 15A 10A
6A
3A
S823D
DPDT
ON
2-3 5-6
OFF
ON
2-1 5-4
30A 30A 15A 7.5A 15A 10A
6A
3A
Throw &
Schematics:
S831D
3PST
ON 2-3 5-6 8-9
NONE OFF
—
30A 30A 15A 7.5A 15A 10A
6A
3A
S832D
3PDT
ON 2-3 5-6 8-9
NONE
ON 2-1 5-4 8-7 30A 30A 15A 7.5A 15A 10A
6A
3A
S833D
3PDT
ON 2-3 5-6 8-9
OFF
ON 2-1 5-4 8-7 30A 30A 15A 7.5A 15A 10A
6A
3A
Throw &
Schematics:
DOUBLE & THREE POLE WITH SCREW LUG & FLATTED LEVER
Keyway
3PST
3PDT
R
R
R
2
5
(COM)
8
3
1
6
4 9
7
2
5
(COM)
8
3
6
9
DPST
DPDT
2
5
(COM)
3
6
4
6
1
3
2
5
(COM)
R
R
R
Note: Terminal numbers
are on the switch
Note: Terminal numbers
are on the switch
R
R
R
R
R
R



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com