Electronic Components Datasheet Search
  English  ▼

X  

S821 Datasheet(PDF) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # S821
Description  High Capacity Standard Size Toggles
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

S821 Datasheet(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

  S821 Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. S821 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. S821 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. S821 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
High Capacity Standard Size Toggles
Series S
(9.0)
.354
(12.5) Dia
.492
(3.0) Dia
.118
• Standard Hardware: AT503M Face Hex Nut, AT506 Locking Ring, AT508 Lockwasher, AT527M Backup Hex Nut. See Accessories & Hardware section.
S732
Cap of phenolic resin is black
(18.0)
.709
(60.0)
2.362
1
2
3
5
6
4
(29.5)
1.161
(10.0)
.394
(10.0) Dia
.394
32
°
(39.0)
1.535
(17.0) Typ
.669
M6 x 8
M4 x 10
M12 P1
(38.0)
1.496
(50.0)
1.969
Keyway
(12.5) Dia
.492
(11.5)
.453
(1.5)
.060
(12.5) Dia
.492
(12.5) Dia
.492
(25.0) Typ
.984
(4.5) Dia Typ
.177
Panel Mount with Mounting Screws
Panel Mount with Bushing Hardware
Maximum
Panel Thickness:
.079” (2.0mm)
Maximum
Panel Thickness:
.118” (3.0mm)
Maximum
Panel Thickness:
.118” (3.0mm)
4
6
1
3
2
5
(COM)
Toggle Position/Connected Terminals
Electrical Capacity
Model
Approvals
Pole &
Throw
Down
Center
Up
Resistive
Inductive
AC
125V
AC
250V
DC
30V
AC 125V
PF 0.6
S732
—
—
DPDT
ON
2-3 5-6
NONE
ON
2-1 5-4
50A
30A
50A
25A
Throw &
Schematics:
DOUBLE POLE WITH SCREW LUG
Keyway
DPDT
Note: Terminal numbers are on the switch
Maximum
Panel Thickness:
.158” (4.0mm)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com