Electronic Components Datasheet Search
  English  ▼

X  

CLC1050 Datasheet(PDF) 8 Page - Cadeka Microcircuits LLC.

Part # CLC1050
Description  Low Power, 3V to 36V, Single, Dual, Quad Amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC1050 Datasheet(HTML) 8 Page - Cadeka Microcircuits LLC.

Back Button CLC1050 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CLC1050 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CLC1050 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CLC1050 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CLC1050 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CLC1050 Datasheet HTML 9Page - Cadeka Microcircuits LLC. CLC1050 Datasheet HTML 10Page - Cadeka Microcircuits LLC. CLC1050 Datasheet HTML 11Page - Cadeka Microcircuits LLC. CLC1050 Datasheet HTML 12Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Data Sheet
©2007-2009 CADEKA Microcircuits LLC
www.cadeka.com
8
Typical Performance Characteristics - Continued
TA = 25°C, +Vs = 30V, -Vs = GND, Rf = Rg =2kΩ, RL = 2kΩ, G = 2; unless otherwise noted.
Supply Current vs. Supply Voltage
Input Voltage Range vs. Power Supply
Small Signal Pulse Response at VS = 5V
Large Signal Pulse Response at VS = 5V
Small Signal Pulse Response
Large Signal Pulse Response
2.35
2.40
2.45
2.50
2.55
2.60
2.65
0
10
20
30
40
50
Time (us)
0.00
1.00
2.00
3.00
4.00
5.00
0
10
20
30
40
50
Time (us)
2.35
2.40
2.45
2.50
2.55
2.60
2.65
0
10
20
30
40
50
Time (us)
1.00
1.50
2.00
2.50
3.00
3.50
4.00
0
10
20
30
40
50
Time (us)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
5
10
15
20
25
30
35
40
Supply Voltage (V)
CLC4050
CLC2050
CLC1050
VOUT = 0.2Vpp
0
5
10
15
0
5
10
15
Power Supply Voltage (+/-Vdc)
NEGATIVE
POSITIVE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com