Electronic Components Datasheet Search
  English  ▼

X  

CLC1050 Datasheet(PDF) 11 Page - Cadeka Microcircuits LLC.

Part # CLC1050
Description  Low Power, 3V to 36V, Single, Dual, Quad Amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC1050 Datasheet(HTML) 11 Page - Cadeka Microcircuits LLC.

Back Button CLC1050 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CLC1050 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CLC1050 Datasheet HTML 9Page - Cadeka Microcircuits LLC. CLC1050 Datasheet HTML 10Page - Cadeka Microcircuits LLC. CLC1050 Datasheet HTML 11Page - Cadeka Microcircuits LLC. CLC1050 Datasheet HTML 12Page - Cadeka Microcircuits LLC. CLC1050 Datasheet HTML 13Page - Cadeka Microcircuits LLC. CLC1050 Datasheet HTML 14Page - Cadeka Microcircuits LLC. CLC1050 Datasheet HTML 15Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Data Sheet
©2007-2009 CADEKA Microcircuits LLC
www.cadeka.com
11
(VLOAD)RMS = VPEAK / √2
( ILOAD)RMS = ( VLOAD)RMS / Rloadeff
The dynamic power is focused primarily within the output
stage driving the load. This value can be calculated as:
PDYNAMIC = (VS+ - VLOAD)RMS × ( ILOAD)RMS
Assuming the load is referenced in the middle of the pow-
er rails or Vsupply/2.
Figure 4 shows the maximum safe power dissipation in
the package vs. the ambient temperature for the pack-
ages available.
0
0.5
1
1.5
2
2.5
-40
-20
0
20
40
60
80
Ambient Temperature (°C)
SOT23-6
SOT23-5
SOIC-16
Figure 4. Maximum Power Derating
Driving Capacitive Loads
Increased phase delay at the output due to capacitive load-
ing can cause ringing, peaking in the frequency response,
and possible unstable behavior. Use a series resistance, RS,
between the amplifier and the load to help improve stability
and settling performance. Refer to Figure 5.
+
-
Rf
Input
Output
Rg
Rs
CL
RL
Figure 5. Addition of RS for Driving
Capacitive Loads
Table 1 provides the recommended RS for various capaci-
tive loads. The recommended RS values result in <=1dB
peaking in the frequency response. The Frequency Re-
sponse vs. CL plot, on page 6, illustrates the response of
the CLCx050.
CL (pF)
RS (Ω)
-3dB BW (kHz)
1nF
0
485
5nF
0
390
10nF
0
260
100
0
440
Table 1: Recommended RS vs. CL
For a given load capacitance, adjust RS to optimize the
tradeoff between settling time and bandwidth. In general,
reducing RS will increase bandwidth at the expense of ad-
ditional overshoot and ringing.
Overdrive Recovery
An overdrive condition is defined as the point when ei-
ther one of the inputs or the output exceed their specified
voltage range. Overdrive recovery is the time needed for
the amplifier to return to its normal or linear operating
point. The recovery time varies, based on whether the
input or output is overdriven and by how much the range
is exceeded. The CLCx050 will typically recover in less
than 30ns from an overdrive condition. Figure 6 shows the
CLC1050 in an overdriven condition.
Figure 6. Overdrive Recovery
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
4
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
4
0
20
40
60
80
100
Time (us)
Output
Input
VIN = 1.25Vpp
G = 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com