Electronic Components Datasheet Search
  English  ▼

X  

WB15L-EE Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # WB15L-EE
Description  Environmentally Sealed Pushbuttons
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

WB15L-EE Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  WB15L-EE Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. WB15L-EE Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. WB15L-EE Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. WB15L-EE Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
02-08
Environmentally Sealed Pushbuttons
Series WB
CAP COLORS
A
Black
B
White
C
Red
D
Amber
E
Yellow
F
Green
G
Blue
H
Gray
* Not available
with cap code E
*
*
*
*
TERMINALS
S
Solder Lug
T
Screw Lug
L
Wire Lead
POLES
1
SPDT
STANDARD WIRE COLOR SCHEME
TYPICAL SWITCH ORDERING EXAMPLE
1
S
WB
Black .520”
(13.2mm) Dia.
Cap
SPDT
ON-ON Circuit
Actuator Position ( ) = Momentary
Connected Terminals
Throw & Schematics
Pole
Model
Normal
Down
Normal
Down
SP
SP
WB12
WB15
ON
ON
ON
(ON)
1-1b
1-1b
1-1a
1-1a
SPDT
Wire leads are covered with heat resistant vinyl in accordance
to UL 1015 and CSA TEW 105 Standards for Appliance Wiring
Material (AWM).
A
CIRCUITS
2
ON
ON
5
ON
(ON)
( ) = Momentary
CAPS
D
.520”
(13.2mm) Dia.
E
.748”
(19.0mm) Dia.
Terminal Numbers & Wire Colors
Models
1a
1
1b
WB12L, WB15L
White
Black
Red
2
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
WB12S-DA
POLES & CIRCUITS
Note: Terminal numbers are not actually
on wire lead models.
D
Solder Lug Terminals
1 (COM)
1b
1a
Solder Lug
WB15S-DA
TYPICAL SWITCH DIMENSIONS
Flat
Flat
(1.0)
.039
(33.0)
1.299
(0.8) Typ
.031
(4.8)
.189
M12 P1
(9.6)
.378
(15.8)
.622
Flatted
(2.4) Dia Typ
.094
(13.2) Dia
.520
(11.0)
.433
(28.8)
1.134
1b
1
1a
(19.4)
.764
(4.8)
.189
(11.2)
.441
(12.5) Dia
.492
Panel Thickness
.157” (4.0mm)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com