Electronic Components Datasheet Search
  English  ▼

X  

WB15L-EE Datasheet(PDF) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # WB15L-EE
Description  Environmentally Sealed Pushbuttons
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

WB15L-EE Datasheet(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

  WB15L-EE Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. WB15L-EE Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. WB15L-EE Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. WB15L-EE Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
02-08
Environmentally Sealed Pushbuttons
Series WB
(12.1)
.476
(15.8) Dia
.622
(13.8) Dia
.543
CAPS & CAP COLORS
TYPICAL SWITCH DIMENSIONS
Screw Lug
Wire Lead
A
Cap Color
Codes:
B
C
AT414
.520” (13.2mm) Diameter
WB12T-DA
WB12L-DA
E
F
G
Colors Available:
A B C D E F G H
Material: PBT Finish: Glossy
Black
White
Red
Yellow
Green
Blue
STANDARD HARDWARE
(11.2)
.441
(12.5) Dia
.492
(11.2)
.441
(12.5) Dia
.492
(10.0)
.394
(200.0)
7.874
(9.6)
.378
+- (20.0)
(1.0)
.039
(38.0)
1.496
Flatted
M12 P1
(15.8)
.622
(13.2) Dia
.520
(11.0)
.433
(30.2)
1.189
(20.8)
.819
1b
1
1a
(1.0)
.039
(36.5)
1.437
M12 P1
(9.6)
.378
(15.8)
.622
Flatted
(13.2) Dia
.520
(11.0)
.433
(8.3)
.327
M3.5 x 5
(6.6)
.260
(1.0)
.039
(28.8)
1.134
1b
1
1a
(19.4)
.764
Panel Thickness
.157” (4.0mm)
Panel Thickness
.157” (4.0mm)
H
Gray
D
AT412
.748” (19.0mm) Diameter
E
Colors Available:
A B C F
Material: Polystyrene Finish: Glossy
(0.5)
.020
(1.0)
.039
(14.3)
.563
M12 P1
(16.0)
.630
(2.4)
.094
(12.1) Dia
.476
(17.5) Dia
.689
(1.5)
.059
D
Amber
(12.8) Dia
.504
(11.0)
.433
(14.9)
.587
(13.2) Dia
.520
M3.5 P0.6
(8.0)
.315 (11.7)
.461
(19.0) Dia
.748
M3.5 P0.6
AT401P
O-ring
Material:
Natural
rubber
1 supplied
with each
switch
AT503M
Hex Face Nut
Material:
Brass with
chrome plating
1 supplied
with each
switch
AT508
Internal Tooth Lockwasher
Material:
Steel with
zinc/chromate
1 supplied
with each
switch



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com