Electronic Components Datasheet Search
  English  ▼

X  

PR1602 Datasheet(PDF) 1 Page - Lumins Inc.

Part # PR1602
Description  Ceiling mount
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINIS [Lumins Inc.]
Direct Link  http://www.luminis.com
Logo LUMINIS - Lumins Inc.

PR1602 Datasheet(HTML) 1 Page - Lumins Inc.

  PR1602 Datasheet HTML 1Page - Lumins Inc. PR1602 Datasheet HTML 2Page - Lumins Inc. PR1602 Datasheet HTML 3Page - Lumins Inc. PR1602 Datasheet HTML 4Page - Lumins Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
90
60
30
PRISMA 16
Separate updated technical specification
sheets with related models and light
sources with I.E.S formatted photometry
are available on www.luminis.com.
Photometry
Specification
Ceiling mount
Ceiling pendant with clear acrylic prismatic diffuser or semi specular
anodized aluminum reflector. An array of optional attachments and
accessories are available to customize, and adapt each luminaire to
particular design scheme and lighting concept.
Finish: All polyester powder baked coatings preceded with
a 5 baths preparation process.
- Pulse rated porcelain socket or 75W/600V thermoplastic compact
fluorescent socket.
- High power factor CWA ballast. Or 98% P.F.electronic smart
ballast with end of life detection for compact fluorescent.
1- Heavy duty hang straight swivel, with 4 1/2” dia. (115)
canopy and universal mounting plate.
2- 5/8” Dia.(16) X36” lg. (900) suspension stem.
Precut factory stems are available on request
(Specify option STM with desired length).
(Options STM60 & STM80 for longer stems.)
3- Cast aluminum removable top cover for quick maintenance.
4- Extruded aluminum ballast housing module with
a fine linear stria pattern.
5- PR1601: Clear acrylic prismatic diffuser.
PR1602: Semi specular anodized aluminum reflector.
Alternate reflector finish (Options RP6)
LUMINIS [ USA ] - 3555 NW 53rd Court, Fort Lauderdale, FL.33309
Tel: 954 .717 .4155
Fax: 954
. 717.4157
Web: www.luminis.com.
Toll free: 888 .401 .6999
4
2
3
Max. weight: 15 lbs.(6.9)
Installation: Mounts over a standard 4”(100)
octagonal box with 3 1/2” (89) c/c mounting holes.
UL. Indoor use.
(CE certification on request)
Certification
Light source selection
120 V Standard
factory
prewired
(If no voltage is
specified)
For other voltages,
please specify with
catalog number.
120 V
277 V
347 V
347 V (To specify)
Smart ballast
120/277
MH (ED17)
CF (Gx24q)
M70
M100
M150
M175
*
Single lamp
F142
F157
F170
F185
Model#
Voltage
Finish
PR1601
(Refer to color chart)
Mounting.
COMP. FLUO.
INC. (A21)
A150
Luminaires may be altered for design improvements or discontinued without prior notice.
H.I.D. (ED17)
16” (406)
Two lamps
PR1601 . PR1602
5
36”
(900)
* 17 1/2”
(445)
PR1602
PR1601
PR1601
PR1602
Options
F232
F242
F257
F270
Four lamps
F426
F432
F442
Option CK16
Ceiling surface
conversion
2”
(50)
Semi specular aluminum
reflector. All other parts of
luminaire are painted as per
specified color.
PR1602
1
Standard selection
WHT:Snow white
BKT: Jet black
BZT: Bronze
GRT: Titanium gray
DGT: Gun metal
CHT: Champagne
MST: Matte silver
Optional colors
CS: Custom color
RAL: RAL# color
(Open rated lamps only.
Except for 175MH)
L U M I
I
N S
2G8-1 Base
Page
8
Mounting
CK16:
Surface ceiling mount
STC:
Safety cable.
STM60: 60”lg. (1525) Stem.
STM80: 80”lg. (2030) Stem.
STM:
Cut to size stem.
SW45:
36” lg. stem with 45º
hang straight swivel.
TA:
3/4” NPT stem adaptor.
TCB:
Black spiral power cord.
TCW:
White spiral power cord.
SPB:
3/18 black straight power
cord with aircraft cable.
SPW:
3/18 white straight power
cord with aircraft cable.
Accessories
W16:
Frosted prismatic diffuser.
D16:
Clear prismatic conical lens.
L16:
Clear flat bottom lens.
LB16:
Cross blades louver.
BA16:
Satin anodized band.
BC16:
Colored alum. band same as
luminaire.
GL16:
Zinc plated concentric rings
guard.
RP6 :
Inside reflector semi-specular.
Outside reflector same as
luminaire
Electrical
Dimming & dual switch options:
Please refer to page 16
DM1:
1x26w / 1x32w / 1x42w
120V Dimming ballast.
DM2:
2x26W 120V Dimming ballast.
DM3:
2x32w / 2x42w
1X57 / 1X70W
120V Dimming ballast.
DM4:
2x57W/70W 120V Dimming
ballast
DS1:
Dual switch 1 lamp.
DS2:
Dual switch 2 lamps.
EM42:
1 lamp (26/32/42W) Integral
emergency battery back up.
QRS:
Quartz restrike standby relay.
QS:
Quartz lamp socket
for external emergency power.
(Lamps: By others)
Refer to pages
16 .17 . 18 for details
on listed options.
Sept. 2006
Rev.Feb.2007
LUMINIS [ Canada ] - 87 C Brunswick D.D.O. Q.C. Canada H9B 2J5
* C.F.L. with EM42 option
Height 19 1/2” (495)
* M175 Includes
L16 full clear lens
enclosure for
enclosed rated
lamps.
Option CK16
Ceiling surface
conversion
Max. watts:
C.F.L: 2x70w
H.I.D: 100w


Similar Part No. - PR1602

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
PR1600 GOOD-ARK-PR1600 Datasheet
49Kb / 2P
PHOTOFLASH RECTIFIER
logo
MIC GROUP RECTIFIERS
PR1600 MIC-PR1600 Datasheet
142Kb / 2P
PHOTOFLASH RECTIFIER
logo
SEMTECH ELECTRONICS LTD...
PR1600 SEMTECH_ELEC-PR1600 Datasheet
206Kb / 1P
HIGH VOLTAGE SILICON RECTIFIERS
logo
Shenzhen Luguang Electr...
PR1600 LUGUANG-PR1600 Datasheet
60Kb / 2P
PHOTOFLASH RECTIFIER
logo
Galaxy Semi-Conductor H...
PR1600 BILIN-PR1600 Datasheet
264Kb / 2P
HIGH VOLTAGE RECTIFIERS
More results

Similar Description - PR1602

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
AR101 LUMINIS-AR101 Datasheet
192Kb / 4P
Ceiling mount
OC100 LUMINIS-OC100 Datasheet
186Kb / 4P
Ceiling mount
W1000 LUMINIS-W1000 Datasheet
86Kb / 2P
Ceiling mount
SR150 LUMINIS-SR150 Datasheet
301Kb / 4P
Ceiling mount
SR300 LUMINIS-SR300 Datasheet
304Kb / 4P
Ceiling mount
SR700 LUMINIS-SR700 Datasheet
298Kb / 4P
Ceiling mount
W1286 LUMINIS-W1286 Datasheet
148Kb / 3P
Ceiling mount
TG1900 LUMINIS-TG1900 Datasheet
195Kb / 4P
Ceiling mount
TR15 LUMINIS-TR15 Datasheet
131Kb / 3P
Ceiling mount
TR25 LUMINIS-TR25 Datasheet
140Kb / 3P
Ceiling mount
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com