Electronic Components Datasheet Search
  English  ▼

X  

PR1602 Datasheet(PDF) 3 Page - Lumins Inc.

Part # PR1602
Description  Ceiling mount
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINIS [Lumins Inc.]
Direct Link  http://www.luminis.com
Logo LUMINIS - Lumins Inc.

PR1602 Datasheet(HTML) 3 Page - Lumins Inc.

  PR1602 Datasheet HTML 1Page - Lumins Inc. PR1602 Datasheet HTML 2Page - Lumins Inc. PR1602 Datasheet HTML 3Page - Lumins Inc. PR1602 Datasheet HTML 4Page - Lumins Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Mounting
STC:
Safety cable.
STA:
36” lg.suspension
stem with 15º swivel.
SB45:
36” lg. stem with 45º
hang straight swivel.
Electrical
Dimming option: please refer to page 16
DM1:
1x26w / 1x32w/1x42w
120V Dimming ballast.
DM3:
2x32w / 2x42w
1X57 / 1X70W
120V Dimming ballast.
EM42:
1 lamp (26/32/42W)
Integral Emergency
battery back up.
QRS:
Quartz restrike
standby relay.
QS:
Quartz lamp socket
for external
emergency power.
Option: SPW (White)
SPB (Black)
Suspension power cord
3/18 X 36”lg. power cord with
adjustable aircraft cable.
3/18 Spiral power cord Max. 277V
Standard extended length: 3ft.
Not applicable when using options
EM42 / EM42S
EM242 / EM242S
QS / DS/ DS2
SPB Black power cable only
with options
EM42 / EM42S
EM242 / EM242S
QS / DS/ DS2
Spiral suspension power cord
Option: TCW (White)
TCB (Black)
Safety suspension cable
Safety aircraft suspension cable,
for applications with earthquake
regulations.
Cables extends 18” beyond
canopy.
(Secured to building structure)
Option: STC
Luminous blue edge lens
Option:
LBL
15” Dia. Kronos replacement
frosted lens with luminous blue
clear edging.
Cross guard ring
Option:
CLA: Satin anodized.
3/16” thick aluminum cross guard ring.
Available with Kronos series only.
Cross blade louver
Option:
LB12: Satin anodized 12”
LB16: Satin anodized 16”
LB22: Satin anodized 21”
45º hang straight ball swivel
for 5/8” dia. suspension stem.
Option: SW45
Slope ceiling adaptor
LUMINIS [ USA ] - 3555 NW 53rd Court, Fort Lauderdale, FL.33309
Tel: 954 .717 .4155
Fax: 954
. 717.4157
Web: www.luminis.com.
LUMINIS [ Canada ] - 87 C Brunswick D.D.O. Q.C. Canada H9B 2J5
Sept. 2006
Toll free: 888 .401 .6999
Luminaires may be altered for design improvements or discontinued without prior notice.
OPTIONS
Conduit adaptor
3/4” NPT Female
Threaded adaptor
(Electrical conduit and other support
hardware by others)
Option:
TA
Optional lens:
L11:
Clear lens (Prisma Nova 12)
L12:
Clear lens (Prisma 12)
L16:
Clear lens (Prisma 16)
L17:
Clear lens (Prisma Nova 16)
L21:
Clear lens (Prisma Nova 24)
L22:
Clear lens (Prisma 24)
Longer suspension stem
*STA36: 36” lg.X5/8” O.D.
suspension stem.
STM60
*STA60: 60” lg.X5/8” O.D.
suspension stem.
STM80
*STA80: 80” lg. X5/8” O.D.
suspension stem.
For other factory cut to size length add
suffix -STM with desired length to
catalog# max.120”
*STA option for:
AR115
AR117-AR119
AR121 only.
Stems can be cut on site
and re-threaded externally
(Tap size 1/4-18)
Option
Ceiling surface mount conversion kit.
Mounts with a Standard 4” octagonal
electrical box.(by others)
Clear
Ceiling surface mounting.
Option:
CK12
CK16
2” Deep aluminum satin anodized
cross blade louver.
L18F:
Frosted acrylic full lens enclosure.
(Kronos KR series)
Option:
L U M I
I
N S
Mounting and accessories
Option: SB45
45º hang straight ball swivel
for 5/8” dia. suspension stem.
with adaptor plate for AR115
AR117 - AR119 - AR121 series
SW45
SB45
Note: cable
size and type
may change at
factory
discretion upon
availability, to
accomodate
required wiring.
Clear or
Frosted
Frosted
Page
17
Max. watts:
C.F.L: 2x70w
H.I.D: 100w
Max. watts:
C.F.L: 2x42w
H.I.D: 100w
Rev.Feb.2007
DA:
Damp location
converter glass cover
Optional damp location
conversion kit:



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com