Electronic Components Datasheet Search
  English  ▼

X  

KH206 Datasheet(PDF) 1 Page - Cadeka Microcircuits LLC.

Part # KH206
Description  Overdrive-Protected Wideband Op Amp
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

KH206 Datasheet(HTML) 1 Page - Cadeka Microcircuits LLC.

  KH206 Datasheet HTML 1Page - Cadeka Microcircuits LLC. KH206 Datasheet HTML 2Page - Cadeka Microcircuits LLC. KH206 Datasheet HTML 3Page - Cadeka Microcircuits LLC. KH206 Datasheet HTML 4Page - Cadeka Microcircuits LLC. KH206 Datasheet HTML 5Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
I -3dB bandwidth of 180MHz
I 70MHz large signal bandwidth (20V
pp)
I 0.1% settling in 19ns
I Overdrive protected
I Output may be current limited
I Stable without compensation
I 3MΩ input impedance
I Direct replacement for CLC206
Applications
I Fast, precision A/D conversion
I Automatic test equipment
I Input/output amplifiers
I Photodiode, CCD preamps
I High-speed modems, radios
I Line drivers
General Description
The KH206 is a wideband, overdrive-protected
operational amplifier designed for applications
needing both speed and high drive capability
(100mA).
Utilizing a well-established current feed-
back architecture, the KH206 exhibits performance far
beyond that of conventional voltage feedback
op amps. For example, the KH206 has a bandwidth
of 180MHz at a gain of +20 and settles to 0.1% in
19ns. Plus, the KH206 has a combination of important
features not found in other high-speed op amps.
The 100mA output current and the large signal
bandwidth of 70MHz (20Vpp) make the KH206 ideal
for applications which involve both high signal
amplitudes and heavy loads as in coaxial line driving
applications.
Complete overdrive protection has been designed
into the KH206. This is critical for applications, such as
ATE and instrumentation, which require protection
from signal levels high enough to cause saturation of
the amplifier. This feature allows the output of the
op amp to be protected against short circuits using
techniques developed for low-speed op amps. With
this capability, even the fastest signal sources can
feature effective short circuit protection.
The KH206 is constructed using thin film resistor/bipolar
transistor technology, and is available in the following
versions:
KH206AI
-25°C to +85°C
12-pin TO-8 can
KH206AK
-55°C to +125°C
12-pin TO-8 can, features
burn-in & hermetic testing
KH206AM
-55°C to +125°C
12-pin TO-8 can,
environmentally
screened and electrically
tested to MIL-STD-883
KH206HXC
-55°C to +125°C
SMD#: 5962-8985801HXC
KH206HXA
-55°C to +125°C
SMD#: 5962-8985801HXA
KH206
Overdrive-Protected Wideband Op Amp
REV. 1A January 2004
Typical Performance
Bottom View
www.cadeka.com


Similar Part No. - KH206

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KH206 FAIRCHILD-KH206 Datasheet
350Kb / 5P
Overdrive-Protected Wideband Op Amp
logo
List of Unclassifed Man...
KH206-8 ETC-KH206-8 Datasheet
618Kb / 4P
Power Wirewound Resistor | Axial | Fiber glass core | ceramic case
More results

Similar Description - KH206

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC206 NSC-CLC206 Datasheet
362Kb / 6P
Overdrive-Protected Wideband Op Amp
logo
Fairchild Semiconductor
KH206 FAIRCHILD-KH206 Datasheet
350Kb / 5P
Overdrive-Protected Wideband Op Amp
KH220 FAIRCHILD-KH220 Datasheet
401Kb / 5P
Fast Settling Wideband Op Amp
KH205 FAIRCHILD-KH205 Datasheet
125Kb / 7P
Overdrive-Protected Wideband Op Amp
KH232 FAIRCHILD-KH232 Datasheet
134Kb / 6P
Low Distortion Wideband Op Amp
logo
Cadeka Microcircuits LL...
KH205 CADEKA-KH205 Datasheet
264Kb / 7P
Overdrive-Protected Wideband Op Amp
KH232 CADEKA-KH232 Datasheet
244Kb / 6P
Low Distortion Wideband Op Amp
logo
Analog Devices
AD840 AD-AD840_15 Datasheet
420Kb / 8P
Wideband, Fast Settling Op Amp
REV. C
logo
Texas Instruments
LMH6715 TI1-LMH6715_16 Datasheet
1Mb / 21P
Dual Wideband Video Op Amp
LMH6715QML TI1-LMH6715QML_13 Datasheet
616Kb / 18P
Dual Wideband Video Op Amp
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com