Electronic Components Datasheet Search
  English  ▼

X  

KH206 Datasheet(PDF) 3 Page - Cadeka Microcircuits LLC.

Part # KH206
Description  Overdrive-Protected Wideband Op Amp
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

KH206 Datasheet(HTML) 3 Page - Cadeka Microcircuits LLC.

  KH206 Datasheet HTML 1Page - Cadeka Microcircuits LLC. KH206 Datasheet HTML 2Page - Cadeka Microcircuits LLC. KH206 Datasheet HTML 3Page - Cadeka Microcircuits LLC. KH206 Datasheet HTML 4Page - Cadeka Microcircuits LLC. KH206 Datasheet HTML 5Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
KH206
DATA SHEET
REV. 1A January 2004
3
KH206 Typical Performance Characteristics (TA = +25°C, Av = +20, VCC = ±15V, RL = 200Ω; unless specified)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com