Electronic Components Datasheet Search
  English  ▼

X  

KH207 Datasheet(PDF) 5 Page - Cadeka Microcircuits LLC.

Part # KH207
Description  Low Distortion Wideband Op Amp
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

KH207 Datasheet(HTML) 5 Page - Cadeka Microcircuits LLC.

  KH207 Datasheet HTML 1Page - Cadeka Microcircuits LLC. KH207 Datasheet HTML 2Page - Cadeka Microcircuits LLC. KH207 Datasheet HTML 3Page - Cadeka Microcircuits LLC. KH207 Datasheet HTML 4Page - Cadeka Microcircuits LLC. KH207 Datasheet HTML 5Page - Cadeka Microcircuits LLC. KH207 Datasheet HTML 6Page - Cadeka Microcircuits LLC. KH207 Datasheet HTML 7Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
KH207
DATA SHEET
REV. 1A January 2004
5
Figure 4: Active Current Limit Circuit (50mA)
Controlling Bandwidth and Passband Response
In most applications, a feedback resistor value of 2k
Ω
will provide optimum performance; nonetheless, some
applications may require a resistor of some other value.
The response versus Rf plot on the previous page shows
how decreasing Rf will increase bandwidth (and frequency
response peaking, which may lead to instability).
Conversely, large values of feedback resistance tend to
roll off the response.
The best settling time performance requires the use of an
external feedback resistor (use of the internal resistor
results in a 0.1% to 0.2% settling tail). The settling
performance may be improved slightly by adding a
capacitance of 0.4pF in parallel with the feedback
resistor (settling time specifications reflect performance
with an external feedback resistor but with no external
capacitance).
Thermal Model
Noise Analysis
Approximate noise figure can be determined for the
KH207 using the Equivalent Input Noise plot on page 3
and the equations shown below.
kT = 4.00 x 10-21 Joules at 290°K
Vn is spot noise voltage (V/√Hz)
in is non-inverting spot noise current (A/√Hz)
ii is inverting spot noise current (A/√Hz)
Figure 5: Noise Figure Diagram and Equations
(Noise Figure is for the Network Inside this Box.)
Driving Cables and Capacitive Loads
When driving cables, double termination is used to
prevent reflections. For capacitive load applications, a
small series resistor at the output of the KH207 will
improve stability and settling performance.
Transmission Line Matching
One method for matching the characteristic impedance
(Zo) of a transmission line or cable is to place the
appropriate resistor at the input or output of the amplifier.
Figure 6 shows typical inverting and non-inverting circuit
configurations for matching transmission lines.
Figure 6: Transmission Line Matching
Non-inverting gain applications:
s Connect R
g directly to ground.
s Make R
1, R2, R6, and R7 equal to Zo.
s Use R
3 to isolate the amplifier from reactive
loading caused by the transmission line,
or by parasitics.
Rs
Rn
Ro
Rf
Rg
KH207
+
-
F
R
R
R
kT
i
V
R
Ri
RA
where R
RR
RR
A
R
R
s
n
s
n
n
p
f
i
pv
p
sn
sn
v
f
g
=+
+
⋅
+
+
=
+
=+
10
1
4
1
2
2
2
22
22
log
;
Q3
(2N3906)
Rx
14.3k
Ω
Q4
(2N3904)
0.01
ΩF
0.01
ΩF
+Vcc
Rc
12
Ω
Q1
(MJE170)
Q2
(MJE180)
Rc
12
Ω
-Vcc
to pin 10
to pin 12
K
Pcircuit = [(+VCC) – (-VCC)]
2 / 1.77kΩ
Pxxx = [(±VCC) – Vout –(Icol) (Rcol + 6)] (Icol)
(% duty cycle)
(For positive Vo and VCC, this is the power in the npn output stage.)
(For negative Vo and VCC, this is the power in the pnp output stage.)
θ
ca =
65°C/W in still air without a heatsink.
35°C/W in still air without a Thermalloy 2268.
15°C/W in 300ft/min air with a Thermalloy 2268
(Thermalloy 2240 works equally well.)
Icol = Vout/Rload or 3mA, whichever is greater.
(Include feedback R in Rload.)
Rcol is a resistor (33Ω recommended) between the xxx collector and ±VCC.
Tj (pnp) = Ppnp (100 + θca) + (Pcir + Pnpn)θca + Ta, similar for Tj (npn).
Tj (cir) = Pcir (17.5 + θca) + (Ppnp + Pnpn)θca + Ta.
+
-
Tambient
θca
Tcase
17.5
°C/W
Tj(circuit)
Pcircuit
100
°C/W
Tj(npn)
Pnpn
100
°C/W
Ppnp
Tj(pnp)
KH207
+
-
R3
Z0
R6
Vo
Z0
R1
R2
+
-
Rg
Z0
R4
R5
V1
V2 +-
Rf
C6
R7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com