Electronic Components Datasheet Search
  English  ▼

X  

KH207 Datasheet(PDF) 1 Page - Cadeka Microcircuits LLC.

Part # KH207
Description  Low Distortion Wideband Op Amp
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

KH207 Datasheet(HTML) 1 Page - Cadeka Microcircuits LLC.

  KH207 Datasheet HTML 1Page - Cadeka Microcircuits LLC. KH207 Datasheet HTML 2Page - Cadeka Microcircuits LLC. KH207 Datasheet HTML 3Page - Cadeka Microcircuits LLC. KH207 Datasheet HTML 4Page - Cadeka Microcircuits LLC. KH207 Datasheet HTML 5Page - Cadeka Microcircuits LLC. KH207 Datasheet HTML 6Page - Cadeka Microcircuits LLC. KH207 Datasheet HTML 7Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Features
s -80/-85dBc 2nd/3rd HD at 20MHz
s -3dB bandwidth of 170MHz
s 0.1% settling in 22ns
s Complete overdrive protection
s 2400V/µs slew rate
s 3MΩ input resistance
s Output may be current limited
s Direct replacement for CLC207
Applications
s Fast, precision A/D conversion
s Automatic test equipment
s Input/output amplifiers
s Photodiode, CCD preamps
s High-speed modems, radios
s Line drivers
General Description
The KH207 is a wideband, low distortion operational
amplifier designed specifically for applications requiring
both high speed and wide dynamic range. Utilizing
a proprietary current feedback architecture, the
KH207 offers performance far superior to that of
conventional voltage feedback op amps.
The most attractive feature of the KH207 is its
extremely low distortion: -80/-85dBc 2nd/3rd harmonics
at 20MHz (2Vpp, RL = 200Ω). The KH207 also provides
-3dB bandwidth of 170MHz at a gain of +20, settles to
0.1% in 22ns and slews at a rate of 2400V/
µs. The
combination of these features positions the KH207 as
the right choice for high speed applications requiring
exceptional signal purity.
High speed, high resolution A/D and D/A converter
systems requiring low distortion operation will find
the KH207 an excellent choice. Wide dynamic range
systems such as radar and communication receivers
will find that the KH207’s low harmonic distortion and
low noise make it an attractive high speed solution.
The addition of the KH207 to the KH205/206 Series
of high speed operational amplifiers broadens the
selection of features available from which to choose.
The KH205 offers low power operation, the KH206
offers higher drive operation, and the KH207 offers
operation with extremely low distortion, all of which
are pin compatible and overdrive protected.
The KH207 is constructed using thin film resistor/bipolar
transistor technology, and is available in the following
versions:
KH207AI
-25°C to +85°C
12-pin TO-8 can
KH207AK
-55°C to +125°C
12-pin TO-8 can, features
burn-in & hermetic testing
KH207AM
-55°C to +125°C
12-pin TO-8 can,
environmentally
screened and electrically
tested to MIL-STD-883
KH207HXC
-55°C to +125°C
SMD#: 5962-9097701HXC
KH207HXA
-55°C to +125°C
SMD#: 5962-9097701HXA
KH207
Low Distortion Wideband Op Amp
REV. 1A January 2004
Typical Performance
Gain Setting
Parameter
+7
+20 +50
-1
-20
-50
Units
-3dB bandwidth
220 170
80
220 130
80
MHz
rise time
1.7
2.2
4.7
1.7
2.9
4.7
ns
slew rate
2.4
2.4
2.4
2.4
2.4
2.4
V/ns
settling time (to 0.1%)
22
22
20
21
20
19
ns
Supply
Voltage
2000
Ω
8
R
f
7
GND
9
-V
CC
2
NC
3
GND
1
+V
CC
6
V+
5
V-
4
NC
10
-V
CC
V
o
+V
CC
11
12
6
6
Collector
Supply
Output
Collector
Supply
Supply
Voltage
Internal
Feedback
Not Connected
Case
ground
Non-Inverting
Input
Inverting
Input
Not
Connected
Case and
bias ground
+
-
Bottom View
Pin 8 provides access to a 2000
Ω feed-
back resistor which can be connected to
the output or left open if an external feed-
back resistor is desired.
www.cadeka.com


Similar Part No. - KH207

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KH207 FAIRCHILD-KH207 Datasheet
159Kb / 7P
Low Distortion Wideband Op Amp
More results

Similar Description - KH207

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC409 NSC-CLC409 Datasheet
403Kb / 10P
Very Wideband, Low Distortion Monolithic Op Amp
LMH6702 NSC-LMH6702 Datasheet
439Kb / 13P
Ultra Low Distortion, Wideband Op Amp
LMH6738 NSC-LMH6738 Datasheet
432Kb / 12P
Very Wideband, Low Distortion Triple Op Amp
logo
Fairchild Semiconductor
KH207 FAIRCHILD-KH207 Datasheet
159Kb / 7P
Low Distortion Wideband Op Amp
KH232 FAIRCHILD-KH232 Datasheet
134Kb / 6P
Low Distortion Wideband Op Amp
logo
List of Unclassifed Man...
SPT232 ETC-SPT232 Datasheet
322Kb / 4P
LOW DISTORTION WIDEBAND OP AMP
logo
Cadeka Microcircuits LL...
KH232 CADEKA-KH232 Datasheet
244Kb / 6P
Low Distortion Wideband Op Amp
logo
Texas Instruments
LMH6702QML TI1-LMH6702QML Datasheet
374Kb / 14P
1.7 GHz, Ultra Low Distortion, Wideband Op Amp
CLC409 TI1-CLC409 Datasheet
424Kb / 12P
Very Wideband, Low Distortion Monolithic Op Amp
LMH6738 TI1-LMH6738 Datasheet
966Kb / 20P
Very Wideband, Low Distortion Triple Op Amp
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com