Electronic Components Datasheet Search
  English  ▼

X  

STR100 Datasheet(PDF) 1 Page - Lumins Inc.

Part # STR100
Description  SPECTRUM 100
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINIS [Lumins Inc.]
Direct Link  http://www.luminis.com
Logo LUMINIS - Lumins Inc.

STR100 Datasheet(HTML) 1 Page - Lumins Inc.

  STR100 Datasheet HTML 1Page - Lumins Inc. STR100 Datasheet HTML 2Page - Lumins Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Type:
Project:
Catalog number:
/
/
/
/
Fixture
Wattage
Voltage
Finish
Option
5
6
7
1
2
3
4
SPECTRUM 100
STR100
DESCRIPTION
Spectrum STR100 is a multifunction luminaire designed to create various visual environments.
Up lighting delivers an ambient lighting comfort, with an optional dual switch or dimmable function for
optimized light control.
A set of two Circline T5/HO lamps are positioned to achieve a shallow 24” diameter shade, coupled with
an optional Metal halide down light module and a choice of T6 / Metal halide ceramic lamps, AR111
Metal halide or a dimmable Halogen reflector lamp (AR111) for a precise beam accent.
Additional flexibility is provided with an optional dual switching between up and down lighting.
STR100 is fully adjustable with a set of self-locking 36” long suspension cables.
An exclusive independent rotative suspension cable plate allows final luminaire alignment after
installation.
STR100 is an appropriate and ideal lighting solution for spaces such as offices, amphitheaters, halls,
lobbies and retail store applications.
SPECIFICATION
Finish:
Baked polyester powder coating preceded with a 5 stage preparation process.
Electrical:
125ºC polycarbonate fluorescent socket with spring loaded G12 porcelain body for T6 lamp.
C.F.L & H.I.D.: 98% Power factor electronic smart ballast 120/277V -50/60 HZ with end of life detection.
1- Elliptical cover plate for quick electrical inspection and installation.
2- On site self locking adjustable 36” long suspension cables.
3- Standard 4/18 armored silver power cable.
4- Extruded aluminum elliptical ballast housing with swing out access door for quick and ease of
maintenance.
5- 24” Dia. aluminum shallow up-light reflector.
6- Extruded aluminum lamp trim.
7- Tempered prismatic frosted lens for T6 lamp.
8- Choice of two types of down light sources to optimize light beam control.
24”
(610)
3 1/2”
(89)
48 1/2”
(1231)
9”
(228)
LUMINIS
(USA) 3555 NW 53rd Court, Fort Lauderdale, FL.33309 — Toll free: 888.401.6999, Fax: 954.717.4157
www.luminis.com
(Canada) 87 C Brunswick D.D.O. (Quebec) H9B 2J5
JULY 2008
1
Type:
Project:
Catalog number:
/
/
/
/
/
Fixture
Wattage/Up Wattage/Down (Opt.)
Voltage
Finish
Option


Similar Part No. - STR100

ManufacturerPart #DatasheetDescription
logo
ZIEHL industrie-elektro...
STR100 ZIEHL-STR100 Datasheet
360Kb / 2P
Safety Temperature-Limiting-Device STR100
logo
List of Unclassifed Man...
STR10006 ETC1-STR10006 Datasheet
115Kb / 4P
STR10006
More results

Similar Description - STR100

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK2010 PHILIPS-PCK2010 Datasheet
113Kb / 16P
CK98 100/133MHz Spread Spectrum System Clock Generator
1999 Mar 01
PCK2010R PHILIPS-PCK2010R Datasheet
102Kb / 18P
CK98R 100/133MHz RCC spread spectrum system clock generator
1999 Oct 19
PCK2010RA PHILIPS-PCK2010RA Datasheet
108Kb / 16P
CK98R 100/133MHz RCC spread spectrum system clock generator
2001 Apr 02
PCK2014A PHILIPS-PCK2014A Datasheet
105Kb / 16P
CK98 100/133 MHz spread spectrum system clock generator
2001 Apr 02
PCK2020 PHILIPS-PCK2020 Datasheet
110Kb / 16P
CK00 100/133MHz spread spectrum differential system clock generator
2000 Nov 13
logo
List of Unclassifed Man...
H500 ETC2-H500 Datasheet
1Mb / 12P
Spectrum Analyzer
logo
TEKTRONIX, INC.
RSA500A TEKTRONIX-RSA500A Datasheet
2Mb / 36P
Spectrum Analyzer
RSA600A TEKTRONIX-RSA600A Datasheet
1Mb / 32P
Spectrum Analyzer
logo
Good Will Instrument Co...
GSP-930 GWINSTEK-GSP-930 Datasheet
2Mb / 2P
SPECTRUM ANALYZER
logo
B&K Precision Corporati...
2680 BK-2680 Datasheet
3Mb / 6P
Spectrum Analyzers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com