Electronic Components Datasheet Search
  English  ▼

X  

STR100 Datasheet(PDF) 2 Page - Lumins Inc.

Part # STR100
Description  SPECTRUM 100
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINIS [Lumins Inc.]
Direct Link  http://www.luminis.com
Logo LUMINIS - Lumins Inc.

STR100 Datasheet(HTML) 2 Page - Lumins Inc.

  STR100 Datasheet HTML 1Page - Lumins Inc. STR100 Datasheet HTML 2Page - Lumins Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Luminaire mounts to a standard 4” octagonal connection box
requiring 3 1/2” c/c mounting.
A. Install universal mounting plate (1) with 4” electrical ceiling
connection box.
B. Install canopy assembly (3) with universal mounting plate (1).
C. Execute electrical connections through opening in canopy cover (3).
D. Adjust self locking suspension cables to desired height and level
luminaire horizontally.
E. Close connection cover.
F. Install circline T5 lamps and secure shade to ballast module using
top wing nuts (4).
G. Connect luminaire shade assembly using factory installed quick
connector.
H. Quarter turn buttons to remove bottom lens or trim lamp support
(5) to install the AR111 reflector lamp or T6 lamp.
(Lamps are not included.)
PHOTOMETRY
MOUNTING
C
B / E
F
G
(5)
(4)
T6
R111
(1)
A
(2)
(3)
D
H
CERTIFICATION
Tested to UL1598 standards,
cULus listed dry location.
MAX. WEIGHT
14 Lbs / 6.4 Kg
www.luminis.com
Luminaires may be altered for design improvements or discontinued without prior notice. Unless specified, lamps are not included with luminaires.
JULY 2008
2
FLUORESCENT (Standard)
UP LIGHTING - T5/HO Circline
L FC122 1X22W
L FC140 1X40W or 1X55W
(Single lamp)
L FC222 1X22W & 1X40W
L FC240 1X22W & 1X55W
(Two lamps)
Luminaires are factory prewired for 120 V (If no voltage is specified.) For other voltages, please specify with catalog number, or consult factory.
STANDARD COLORS
L WHT: Snow white
L BKT: Jet black
L BZT: Bronze
L MST: Matte silver
L GRT: Titanium gray
L DGT: Gun metal
L CHT: Champagne
(Refer to color chart)
L STR100
L 120 V
L 277 V
METAL HALIDE & HALOGEN (Optional)
DOWN LIGHTING
L H50R
L H75R
L M20R (120V only)
L M35R
L M70R
R111 H.I.D.
T6/G12 H.I.D.
R111 Halogen
L CL
Suspension
Longer suspension cable with power cord. 36” (914) lg. and higher.
(Please specify length)
L STC
36” (914) lg. Seismic cable attached to mounting plate mounted to building structure.
L DS4
Dual switch
L EM42: (Note 1)
1 lamp (26/32/42W) Emergency ballast battery back up. Integral test switch.
L EM43: (Note 1)
1 lamp (55W) Remote emergency battery back up.
Time: 90 Mnts -120/277V / T 0º C
DIMMING
T5/HO - Up light dimming
120V
277V
L DM1-120 DM1-277 1X22/40W
L DM4-120 DM4-277 1X55W
(Single lamp)
L DM3-120 DM3-277 1X22/40W
L DM8-120 DM8-277 1X22/40W or 55W
(Two lamps)
R111 HaLOGEN - Down light dimming
120V
277V
L DM7-120 DM7-277
Luminaire with 2 lamps individually externally controlled.
Ballast
Ballast
NOTES
NOTE 1: Use of DM and EM options are not compatible with the same luminaire.
L M39T
L M70T
90
60
30
Cross view
Please visit our web site
www.luminis.com
for complete I.E.S formatted download data.
LUMINAIRE SELECTION
MODEL#
LAMP SELECTION
VOLTAGE
FINISH
OPTIONS
MOUNTING
ELECTRICAL
Standard dimming ballast
MARK X 60HZ / EOL protection
Dimming: 5-100%
Min. start. temp. 10ºC (50ºF)
Burn lamps 100 hrs at full light output
before dimming.
Optional down light



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com