Electronic Components Datasheet Search
  English  ▼

X  

ADP3121 Datasheet(PDF) 5 Page - ON Semiconductor

Part # ADP3121
Description  Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP3121 Datasheet(HTML) 5 Page - ON Semiconductor

  ADP3121 Datasheet HTML 1Page - ON Semiconductor ADP3121 Datasheet HTML 2Page - ON Semiconductor ADP3121 Datasheet HTML 3Page - ON Semiconductor ADP3121 Datasheet HTML 4Page - ON Semiconductor ADP3121 Datasheet HTML 5Page - ON Semiconductor ADP3121 Datasheet HTML 6Page - ON Semiconductor ADP3121 Datasheet HTML 7Page - ON Semiconductor ADP3121 Datasheet HTML 8Page - ON Semiconductor ADP3121 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
ADP3121
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS (VCC = 12 V, BST = 4 V to 26 V, TA = 0°C to 85°C, unless otherwise noted) (Note 5)
Characteristic
Unit
Max
Typ
Min
Symbol
Test Conditions
LOW−SIDE DRIVER
Timeout Delay
SW = 5 V
SW = PGND
90
70
170
110
ns
Over−voltage Protection Threshold
IN = OD = 0 V, SW = VCC
VSW(OVD)
1.5
3.5
V
UNDERVOLTAGE LOCKOUT
UVLO Voltage
VCC rising
1.5
3.0
V
Hysteresis
250
mV
5. ALL limits at temperature extremes are guaranteed via correlation using standard statistical quality control (SQC) methods
APPLICATIONS INFORMATION
Theory of Operation
The ADP3121 is optimized for driving two N−channel
MOSFETs in a synchronous buck converter topology. A
single PWM input signal is all that is required to properly
drive the high side and the low−side MOSFETs. Each driver
is capable of driving a 3 nF load at speeds up to 500 kHz. A
functional block diagram of ADP3121 is shown in Figure 1.
Low−Side Driver
The low−side driver is designed to drive a ground
referenced N−channel MOSFET. The bias to the low−side
driver is internally connected to the VCC supply and PGND.
When the driver is enabled, the driver output is 180
° out
of phase with the PWM input. When the ADP3121 is
disabled, the low−side gate is held low.
High−Side Driver
The high−side driver is designed to drive a floating
N−channel MOSFET. The bias voltage for the high−side
driver is developed by an external bootstrap supply circuit
that is connected between the BST and SW pins.
The bootstrap circuit comprises Diode D1 and Bootstrap
Capacitor CBST1. CBST2 and RBST are included to reduce the
high−side gate drive voltage and to limit the switch node
slew rate (called a Boot−Snap
t circuit). When the
ADP3121 starts up, the SW pin is at ground, so the bootstrap
capacitor charges up to VCC through D1. When the PWM
input goes high, the high−side driver begins to turn on the
high−side MOSFET, Q1, by pulling charge out of CBST1 and
CBST2. As Q1 turns on, the SW pin rises up to VIN and forces
the BST pin to VIN + VC (BST). This holds Q1 on because
enough gate−to−source voltage is provided. To complete the
cycle, Q1 is switched off by pulling the gate down to the
voltage at the SW pin. When the low−side MOSFET, Q2,
turns on, the SW pin is pulled to ground. This allows the
bootstrap capacitor to charge up to VCC again.
The output of the high−side driver is in phase with the
PWM input. When the driver is disabled, the high−side gate
is held low.
Overlap Protection Circuit
The overlap protection circuit prevents both of the main
power switches, Q1 and Q2, from being on at the same time.
This is done to prevent shoot−through currents from flowing
through both power switches and the associated losses that
can occur during their on/off transitions. The overlap
protection circuit accomplishes this by adaptively
controlling the delay from the Q1 turn−off to the Q2 turn−on,
and by internally setting the delay from the Q2 turn−off to
the Q1 turn−on.
To prevent the overlap of the gate drives during the Q1
turn−off and the Q2 turn−on, the overlap circuit monitors the
voltage at the SW pin. When the PWM input signal goes low,
Q1 begins to turn off (after propagation delay). Before Q2
can turn on, the overlap protection circuit makes sure that
SW has first gone high and then waits for the voltage at the
SW pin to fall from VIN to 1 V. Once the voltage on the SW
pin falls to 1 V, Q2 begins turn−on. If the SW pin has not
gone high first, the Q2 turn−on is delayed by a fixed 150 ns.
By waiting for the voltage on the SW pin to reach 1 V or for
the fixed delay time, the overlap protection circuit ensures
that Q1 is off before Q2 turns on, regardless of variations in
temperature, supply voltage, input pulse width, gate charge,
and drive current. If SW does not go below 1 V after 190 ns,
DRVL turns on. This can occur if the current flowing in the
output inductor is negative and flows through the high−side
MOSFET body diode.
OVERVOLTAGE PROTECTION
The ADP3121 includes an over−voltage protection
(OVP) feature to protect the CPU from high voltages even
before the main controller has enough VCC to operate. The
ADP3121 looks at the SW node during startup. If the voltage
on SW is greater than the OVP threshold, DRVL is latched
on and DRVH latched off. An OVP on the SW node will
cause DRVL to go high and remain high.
To prevent false triggering of OVP, an input logic
detection latch is set on the first occurrence of either IN or



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com