Electronic Components Datasheet Search
  English  ▼

X  

ADP3121 Datasheet(PDF) 2 Page - ON Semiconductor

Part # ADP3121
Description  Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP3121 Datasheet(HTML) 2 Page - ON Semiconductor

  ADP3121 Datasheet HTML 1Page - ON Semiconductor ADP3121 Datasheet HTML 2Page - ON Semiconductor ADP3121 Datasheet HTML 3Page - ON Semiconductor ADP3121 Datasheet HTML 4Page - ON Semiconductor ADP3121 Datasheet HTML 5Page - ON Semiconductor ADP3121 Datasheet HTML 6Page - ON Semiconductor ADP3121 Datasheet HTML 7Page - ON Semiconductor ADP3121 Datasheet HTML 8Page - ON Semiconductor ADP3121 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ADP3121
http://onsemi.com
2
PIN CONNECTIONS
DRVH
SWN
PGND
DRVL
BST
IN
OD
VCC
Figure 1. Block Diagram
IN
ADP3121
BST
DRVH
SW
DRVL
PGND
DELAY
6
DELAY
CMP
CMP
1V
4
1
7
CONTROL
LOGIC
6
5
8
12V
Q1
TO
INDUCTOR
Q2
LATCH
Q
S
D1
2
3
OD
RBST
RG
CBST1
CBST2
R1
R2
VCC
VCC
PIN FUNCTION DESCRIPTION
Pin No.
Pin Name
Description
1
BST
Upper MOSFET Floating Bootstrap Supply. A capacitor connected between the BST and SW pins
holds this bootstrapped voltage for the high−side MOSFET while it is switching.
2
IN
Logic Level PWM Input. This pin has primary control of the drive outputs. In normal operation, pulling
this pin low turns on the low−side driver; pulling it high turns on the high−side driver.
3
OD
Output Disable. When low, this pin disables normal operation, forcing DRVH and DRVL low.
4
VCC
Input Supply. This pin should be bypassed to PGND with an ~1 mF ceramic capacitor.
5
DRVL
Synchronous Rectifier Drive. Output drive for the lower (synchronous rectifier) MOSFET.
6
PGND
Power Ground. This pin should be closely connected to the source of the lower MOSFET.
7
SW
Switch Node Connection. This pin is connected to the buck switching node, close to the upper
MOSFET source. It is the floating return for the upper MOSFET drive signal. It is also used to monitor
the switched voltage to prevent the lower MOSFET from turning on until the voltage is below ~1 V.
8
DRVH
Buck Drive. Output drive for the upper (buck) MOSFET.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com