Electronic Components Datasheet Search
  English  ▼

X  

8021 Datasheet(PDF) 1 Page - Sonardyne sound in depth

Part # 8021
Description  Fusion USBL Transceivers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONARDYNE [Sonardyne sound in depth]
Direct Link  http://www.sonardyne.com
Logo SONARDYNE - Sonardyne sound in depth

8021 Datasheet(HTML) 1 Page - Sonardyne sound in depth

  8021 Datasheet HTML 1Page - Sonardyne sound in depth 8021 Datasheet HTML 2Page - Sonardyne sound in depth  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Sonardyne UK (Head Office)
T. +44 (0) 1252 872288
F. +44 (0) 1252 876100
E. sales@sonardyne.com
www.sonardyne.com
Datasheet
Fusion USBL Transceivers
Description
Sonardyne’s family of Fusion Ultra-
Short BaseLine (USBL) transceivers
support the use of modern
Wideband signal technology,
offering improved noise immunity,
increased dynamic range and
greater accuracy.
The Type 8021 transceiver offers a
hemispherical pattern of acoustic
coverage whilst still ensuring
rejection of vessel noise. The
transceiver allows tracking of targets
from below and to the side of the
vessel and it is suitable for a wide
variety of survey tasks such as
towfish tracking and ROV
positioning.
The Type 8023 transceiver is
optimised to receive signals arriving
within a ±50º cone. Any noise
generated outside of this area, for
example by thrusters, is attenuated
further, therefore improving the
signal to noise ratio and so the
positioning accuracy.
In practise, this has been proven to
allow the accurate positioning of the
noisiest vessels. On quieter vessels, it
enables even deeper depths to be
achieved.
The all new hardware platform on
which the Fusion USBL transceivers
are based means that the units can
be easily upgraded remotely via a
serial interface.
They can also be used as Medium
Frequency Long Baseline (LBL)
transceivers when required. This
removes the cost and inconvenience
of installing and setting up a
separate LBL transceiver when the
need arises.
Key features
•
Choice of transceivers depending
on operating environment,
water depth and vessel
•
Incorporates Sonardyne’s latest
Wideband® signal technology
•
Operates as an LBL transceiver for
all MF frequency operations
•
Remote firmware upgrade via
serial interface
•
Improved noise immunity and
analysis
•
Non-Sonardyne frequencies
supported


Similar Part No. - 8021

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8021 FILTRAN-8021 Datasheet
149Kb / 1P
T1/E1 Extended Temperature Range SMD Single Transformers
logo
RHOPOINT COMPONENTS
8021 RHOPOINT-8021 Datasheet
66Kb / 2P
DIP Reed Relays
logo
Belden Inc.
8021 BELDEN-8021 Datasheet
153Kb / 2P
Bus Bar Wire, #22 Sol TC
01-20-2023
logo
Heyco.
8021 HEYCO-8021 Datasheet
179Kb / 1P
Full Thickness Male Blades
logo
Belden Inc.
8021-000100 BELDEN-8021-000100 Datasheet
153Kb / 2P
Bus Bar Wire, #22 Sol TC
01-20-2023
More results

Similar Description - 8021

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
U1AFS600-FGG256I ACTEL-U1AFS600-FGG256I Datasheet
8Mb / 17P
Actel Fusion Mixed-Signal FPGA
M7AFS600-1FGG256I ACTEL-M7AFS600-1FGG256I Datasheet
10Mb / 318P
Actel Fusion Mixed-Signal FPGAs
logo
Sonardyne sound in dept...
8024 SONARDYNE-8024 Datasheet
135Kb / 2P
Scout USBL Transceiver
logo
Aries Electronics, Inc.
4-002-152FBP ARIES-4-002-152FBP Datasheet
583Kb / 1P
Fusion Bonded Cable Jumpers
logo
STMicroelectronics
INEMOENGINE_PW8 STMICROELECTRONICS-INEMOENGINE_PW8 Datasheet
1Mb / 6P
iNEMO Engine Pro Sensor Fusion algorithm
02-Nov-2011
logo
Lightel Technologies IN...
CW-200B LIGHTEL-CW-200B Datasheet
381Kb / 2P
Automatic fusion pulling control
logo
Microsemi Corporation
AFS1500-FGG484 MICROSEMI-AFS1500-FGG484 Datasheet
18Mb / 334P
Fusion Family of Mixed Signal FPGAs
M1AFS600-PQ208 MICROSEMI-M1AFS600-PQ208 Datasheet
18Mb / 334P
Fusion Family of Mixed Signal FPGAs
logo
Microchip Technology
SSC7102 MICROCHIP-SSC7102 Datasheet
177Kb / 7P
Bosch Sensor Fusion Firmware Addendum
03/25/14
logo
Renesas Technology Corp
9VRS4818B RENESAS-9VRS4818B Datasheet
413Kb / 21P
FUSION II CLOCK GENERATOR
REV A 062512
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com