Electronic Components Datasheet Search
  English  ▼

X  

8021 Datasheet(PDF) 2 Page - Sonardyne sound in depth

Part # 8021
Description  Fusion USBL Transceivers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONARDYNE [Sonardyne sound in depth]
Direct Link  http://www.sonardyne.com
Logo SONARDYNE - Sonardyne sound in depth

8021 Datasheet(HTML) 2 Page - Sonardyne sound in depth

  8021 Datasheet HTML 1Page - Sonardyne sound in depth 8021 Datasheet HTML 2Page - Sonardyne sound in depth  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Sonardyne UK (Head Office)
T. +44 (0) 1252 872288
F. +44 (0) 1252 876100
E. sales@sonardyne.com
www.sonardyne.com
Specifications subject to change without notice - 04/2008
Specifications
Fusion USBL Transceivers
Feature
Type 8021
Type 8023
Operational Frequency
MF (18-36kHz)
MF (18-36kHz)
Transceiver
Performance
Operating Range
Acoustic Cover
Range Accuracy
Positioning Repeatability
Up to 7,000 Metres
±
90º
Better that 0.2 metres
All transceivers tested to better
than 0.1% of slant range 1 Drms
Up to 7,000 Metres
±
50º Optimised for deep water
Better that 0.2 metres
All transceivers tested to better that 0.1% of
slant range 1 Drms
Electrical
Maximum Power
+48VDC (38V to 50V), can
operate on +24VDC (18V to 30V)
Typical 15W, Max 50W
+48VDC (38V to 50V), can operate on
+24VDC (18V to 30V)
Typical 15W, Max 50W
Communication
RS485, baud rate switchable
RS485, baud rate switchable
Dimensions (LxDia)
456mm (17.95”) x 225mm (8.86”) 487mm (19.16”) x 300mm (11.81”)
Weight in Air
28kg
41kg
Weight in Water
13.5kg
20kg
Options
Tilted Array Adaptor
Tilted Array Adapter
Note
The absolute accuracy of the system is dependent upon the quality of attitude
and heading sensors, beacon source level, vessel noise, water depth,
mechanical rigidity of the transceiver deployment machine and proper
calibration of the total system using CASIUS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com