Electronic Components Datasheet Search
  English  ▼

X  

NLAS7213 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NLAS7213
Description  High-Speed USB 2.0 (480 Mbps) DPST Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS7213 Datasheet(HTML) 1 Page - ON Semiconductor

  NLAS7213 Datasheet HTML 1Page - ON Semiconductor NLAS7213 Datasheet HTML 2Page - ON Semiconductor NLAS7213 Datasheet HTML 3Page - ON Semiconductor NLAS7213 Datasheet HTML 4Page - ON Semiconductor NLAS7213 Datasheet HTML 5Page - ON Semiconductor NLAS7213 Datasheet HTML 6Page - ON Semiconductor NLAS7213 Datasheet HTML 7Page - ON Semiconductor NLAS7213 Datasheet HTML 8Page - ON Semiconductor NLAS7213 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2009
May, 2009 − Rev. 3
1
Publication Order Number:
NLAS7213/D
NLAS7213
High-Speed USB 2.0
(480 Mbps) DPST Switch
The NLAS7213 is a DPST switch optimized for high−speed USB
2.0 applications within portable systems. It features ultra−low off
capacitance, COFF = 3.0 pF (typ), and a bandwidth above 1118 MHz. It
is optimized for applications that use a single USB interface connector
to route multiple signal types. The CON and RON of both switches are
suitably low to allow the NLAS7213 to pass any speed USB data or
audio signals going to a moderately resistive terminal such as an
external headset.
The NLAS7213 is protected on all pins with 8 kV
Human Body Model ESD protection. It is offered in a 1.5 x 1.5 mm
UQFN8 package.
Features
• RON: 10 W Max @ VCC = 3.3 V
• COFF: 3.0 pF Typ @ VCC = 3.3 V
• VCC Operating Range: 1.65 V to 4.5 V
• > 1118 MHz Bandwidth
• OVT up to 5.25 V on D+/D− Pins
• 1.5 x 1.5 x 0.55 mm UQFN8
• 8 kV ESD Protection on All Pins
• This is a Pb−Free Device
Typical Applications
• High Speed USB 2.0 Data
• Mobile Phones
• Portable Devices
Figure 1. Application Diagram
NLAS7213
HS
USB
XCVR
FS USB
XCVR or
AUDIO
AMP
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 8 of this data sheet.
ORDERING INFORMATION
http://onsemi.com
MARKING
DIAGRAM
UQFN8
(1.5 x 1.5 mm)
CASE 523AH
AA = Specific Device Code
M
= Date Code
G
= Pb−Free Package
AA MG
G
1
1
8
(Note: Microdot may be in either location)


Similar Part No. - NLAS7213

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS7213 ONSEMI-NLAS7213 Datasheet
264Kb / 9P
High-Speed USB 2.0 DPST Switch
November, 2014 ??Rev. 5
NLAS7213MUTBG ONSEMI-NLAS7213MUTBG Datasheet
264Kb / 9P
High-Speed USB 2.0 DPST Switch
November, 2014 ??Rev. 5
NLAS7213 ONSEMI-NLAS7213_14 Datasheet
264Kb / 9P
High-Speed USB 2.0 DPST Switch
November, 2014 ??Rev. 5
More results

Similar Description - NLAS7213

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS7222B ONSEMI-NLAS7222B Datasheet
816Kb / 9P
High-Speed USB 2.0 (480 Mbps) DPDT Switches
August, 2007 - Rev. 1
NLAS7223C ONSEMI-NLAS7223C Datasheet
413Kb / 9P
High-Speed USB 2.0 (480 Mbps) DPDT Switches
October, 2008 ??Rev. 1
NLAS7222B ONSEMI-NLAS7222B_11 Datasheet
177Kb / 10P
High-Speed USB 2.0 (480 Mbps) DPDT Switches
June, 2011 ??Rev. 5
logo
Alpha & Omega Semicondu...
AOZ6186 AOSMD-AOZ6186 Datasheet
518Kb / 10P
High-Speed USB 2.0 (480 Mbps) DPDT Switch
AOZ6184 AOSMD-AOZ6184 Datasheet
530Kb / 10P
High-Speed USB 2.0 (480 Mbps) DPDT Switch
logo
ON Semiconductor
NLAS7222BMUTAG ONSEMI-NLAS7222BMUTAG Datasheet
177Kb / 10P
High-Speed USB 2.0 (480 Mbps) DPDT Switches
June, 2011 ??Rev. 5
logo
Pericom Semiconductor C...
PI3USB102E PERICOM-PI3USB102E Datasheet
936Kb / 7P
USB 2.0 High-Speed (480 Mbps) Switch with 5V Protection
logo
ON Semiconductor
NLAS7213 ONSEMI-NLAS7213_14 Datasheet
264Kb / 9P
High-Speed USB 2.0 DPST Switch
November, 2014 ??Rev. 5
NL3S2223 ONSEMI-NL3S2223 Datasheet
372Kb / 10P
High-Speed USB 2.0 (480 Mbps) DPDT Switches
August, 2016 ??Rev. P0
logo
Shenzhen Huazhimei Semi...
HM7222 HMSEMI-HM7222 Datasheet
1Mb / 9P
High-Speed USB 2.0(480 Mbps) DPDT Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com