Electronic Components Datasheet Search
  English  ▼

X  

NLAS7213 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NLAS7213
Description  High-Speed USB 2.0 (480 Mbps) DPST Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS7213 Datasheet(HTML) 3 Page - ON Semiconductor

  NLAS7213 Datasheet HTML 1Page - ON Semiconductor NLAS7213 Datasheet HTML 2Page - ON Semiconductor NLAS7213 Datasheet HTML 3Page - ON Semiconductor NLAS7213 Datasheet HTML 4Page - ON Semiconductor NLAS7213 Datasheet HTML 5Page - ON Semiconductor NLAS7213 Datasheet HTML 6Page - ON Semiconductor NLAS7213 Datasheet HTML 7Page - ON Semiconductor NLAS7213 Datasheet HTML 8Page - ON Semiconductor NLAS7213 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
NLAS7213
http://onsemi.com
3
DC ELECTRICAL CHARACTERISTICS
CONTROL INPUT (Typical: T = 25°C, VCC = 3.3 V)
Symbol
Pins
Parameter
Test Conditions
VCC (V)
−40
°C to +85°C
Unit
Min
Typ
Max
VIH
OE
Control Input HIGH Voltage
2.7
3.3
4.2
1.3
1.3
1.4
−
−
V
VIL
OE
Control Input LOW Voltage
2.7
3.3
4.2
−
−
0.4
0.4
0.4
V
IIN
OE
Control Input Leakage Current
VIS = GND
1.65 − 4.5
−
−
±1.0
mA
SUPPLY CURRENT AND LEAKAGE (Typical: T = 25°C, VCC = 3.3 V, VIN = VCC or GND)
Symbol
Pins
Parameter
Test Conditions
VCC (V)
−40
°C to +85°C
Unit
Min
Typ
Max
ICC
VCC
Quiescent Supply Current
VIS = VCC or GND; ID = 0 A
1.65 − 4.5
−
−
1.0
mA
INC(OFF)
HSD+,
HSD−
OFF State Leakage Current
VCOM = 3.6 V, VNC = 1.0 V
1.65 − 4.5
−
−
±1.0
mA
IOFF
Power OFF Leakage Current
VIS = GND
0
−
−
±1.0
mA
ON RESISTANCE (Typical: T = 25°C, VCC = 3.3 V)
Symbol
Pins
Parameter
Test Conditions
VCC (V)
−40
°C to +85°C
Unit
Min
Typ
Max
RON
On−Resistance
ION = −8 mA
VIS = 0 to 0.4 V
2.7
3.3
4.2
−
9.0
8.0
7.2
9.5
8.5
7.5
W
RFLAT
On−Resistance Flatness
ION = −8 mA
VIS = 0 to 0.4 V
2.7
3.3
4.2
−
0.8
0.5
0.3
−
W
DRON
On−Resistance Matching
ION = −8 mA
VIS = 0 to 0.4 V
2.7
3.3
4.2
−
0.07
0.07
0.04
−
W



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com