Electronic Components Datasheet Search
  English  ▼

X  

SN55113 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN55113
Description  DUAL DIFFERENTIAL LINE DRIVERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN55113 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN55113 Datasheet HTML 4Page - Texas Instruments SN55113 Datasheet HTML 5Page - Texas Instruments SN55113 Datasheet HTML 6Page - Texas Instruments SN55113 Datasheet HTML 7Page - Texas Instruments SN55113 Datasheet HTML 8Page - Texas Instruments SN55113 Datasheet HTML 9Page - Texas Instruments SN55113 Datasheet HTML 10Page - Texas Instruments SN55113 Datasheet HTML 11Page - Texas Instruments SN55113 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
SN55113, SN75113
DUAL DIFFERENTIAL LINE DRIVERS
SLLS070C – SEPTEMBER 1973 – REVISED MARCH 1997
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
Figure 16
PROPAGATION DELAY TIMES
FROM DATA INPUTS
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C
10
8
4
2
0
18
6
14
12
16
20
– 75 – 50
– 25
0
25
50
75
100
125
VCC = 5 V
See Figure 1
CL = 30 pF
tPHL
tPLH
Figure 17
20
10
5
0
25
15
OUTPUT ENABLE AND DISABLE TIMES
vs
FREE-AIR TEMPERATURE
30
– 75 – 50
– 25
0
25
50
75
100
125
TA – Free-Air Temperature – °C
See Figures 2 and 3
VCC = 5 V
tPLZ
tPZL
tPHZ
tPZH
† Data for temperatures below 0
°C and above 70°C and for supply voltages below 4.75 V and above 5.25 V are applicable to SN55113 circuits
only. These parameters were measured with the active pullup connected to the sink output.
APPLICATION INFORMATION
Location 1
SN75113 Driver
SN75115 Receiver
Location 3
Location 2
Location 5
Location 4
RT‡
Location 6
Twisted
Pair
RT‡
‡ RT = ZO. A capacitor may be connected in series with RT to reduce power dissipation.
Figure 18. Basic Party-Line or Data-Bus Differential Data Transmission



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com